Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDX37 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDX37
Description  SILICON PLANAR EPITAXIAL POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX37 Datasheet(HTML) 2 Page - Comset Semiconductor

  BDX37 Datasheet HTML 1Page - Comset Semiconductor BDX37 Datasheet HTML 2Page - Comset Semiconductor BDX37 Datasheet HTML 3Page - Comset Semiconductor BDX37 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN BDX35 – BDX36 – BDX37
*
COMSET SEMICONDUCTORS
2
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
BDX35
BDX36
RthJ-mb
Thermal Resistance, Junction to mouting
base
BDX37
5
K/W
BDX35
BDX36
RthJ-a
Thermal Resistance, Junction to ambient
infree air
BDX37
100
K/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
IE=0 ,
VCB=80 V
BDX35
-
-
10
IE=0 ,
VCB=100 V
BDX36
-
-
10
IE=0 ,
VCB=100 V
BDX37
-
-
10
IE=0 ,
VCB=80 V , Tj = 100°C BDX35
-
-
50
IE=0 ,
VCB=100 V,Tj = 100°C BDX36
-
-
50
ICBO
Collector cut-off current
IE=0 ,
VCB=100 V,Tj = 100°C BDX37
-
-
50
µA
BDX35
-
-
10
BDX36
-
-
10
IC=0, VEB=4 V
BDX37
-
-
10
µA
BDX35
-
-
1
BDX36
-
-
1
IEBO
Emitter cut-offcurrent
IC=0, VEB=5 V
BDX37
-
-
1
mA
BDX35
-
-
0,9
BDX36
-
-
0,7
IC=5.0 A, IB=500 mA
BDX37
-
-
0,9
BDX35
-
-
1,2
BDX36
-
-
-
IC=7.0 A, IB=700 mA
BDX37
-
-
1,2
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=10 A, IB=1A
BDX36
-
-
1,5
V
BDX35
BDX36
IC=5.0 A, IB=500 mA
BDX37
-
-
1 ,6
BDX35
-
-
2,0
IC=7.0 A, IB=700 mA
BDX37
-
-
2,0
VBE(SAT)
Base-Emitter saturation
Voltage (*)
IC=10 A, IB=1A
BDX36
-
-
2,5
V
BDX35
BDX36
BDX37
45
-
450
BDX35
BDX36
130
-
hFE
DC Current Gain (*)
VCE=10 V, IC=500m A
BDX37
-
80


Similar Part No. - BDX37

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BDX37 PHILIPS-BDX37 Datasheet
71Kb / 8P
   NPN switching transistors
1997 Apr 16
logo
Savantic, Inc.
BDX37 SAVANTIC-BDX37 Datasheet
110Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BDX37 ISC-BDX37 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BDX37 NJSEMI-BDX37 Datasheet
108Kb / 3P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
More results

Similar Description - BDX37

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BD131 NJSEMI-BD131 Datasheet
74Kb / 2P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
logo
Comset Semiconductor
BD132 COMSET-BD132_12 Datasheet
63Kb / 2P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
BD135 COMSET-BD135 Datasheet
73Kb / 3P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
BD131 COMSET-BD131_12 Datasheet
62Kb / 2P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
BD136 COMSET-BD136 Datasheet
74Kb / 3P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS.
logo
New Jersey Semi-Conduct...
BDX35 NJSEMI-BDX35 Datasheet
108Kb / 3P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
logo
Comset Semiconductor
BD132 COMSET-BD132 Datasheet
101Kb / 2P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com