Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LURF9033-TR1 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LURF9033-TR1
Description  SURFACE MOUNT TAPE AND REEL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LURF9033-TR1 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LURF9033-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LURF9033-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LURF9033-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LURF9033-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LURF9033-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LURF9033-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LURF9033-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LURF9033-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
600
Wavelength (nm)
550
0
700
650
0.5
0.5
20
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
1.0
Ambient Temperature(
)
0.8
-0
-20
-40
60
40
20
80
100
0
-40
-20
-0
60
40
80
100
Fig.4 Relative Intensity vs. Temperature
2.5
1.0
0.9
1.1
1.5
1.0
2.0
Fig.3 Forward Voltage vs. Temperature
1.2
3.0
100
Forward Current(mA)
Forward Voltage(V)
1.5
1.0
0.1
2.5
2.0
3.0
1.0
10
0
1.0
10
0.5
1.0
1.5
2.0
100
1000
Fig.2 Relative Intensity vs. Forward Current
Fig.1 Forward current vs. Forward Voltage
1000
3.5
2.5
Typical Electro-Optical Characteristics Curve
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
3.0
URF CHIP
4/7
Page
PART NO. LURF9033/TR1
50%
75%
50%
0
25%
25%
75% 100%
Fig.6 Directive Radiation
-30
°
30
°
60
°
0
°
-60
°
100%


Similar Part No. - LURF9033-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LURF9033-TR2 LIGITEK-LURF9033-TR2 Datasheet
135Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LURF9033-TR3 LIGITEK-LURF9033-TR3 Datasheet
135Kb / 8P
   SURFACE MOUNT TAPE AND REEL
More results

Similar Description - LURF9033-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSBI9033-TR1A LIGITEK-LSBI9033-TR1A Datasheet
97Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUG9033-HH-T-TR3-09 LIGITEK-LUG9033-HH-T-TR3-09 Datasheet
244Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUG9033-TR1 LIGITEK-LUG9033-TR1 Datasheet
98Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LY9S53-TR1 LIGITEK-LY9S53-TR1 Datasheet
135Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSR9033-TR2 LIGITEK-LSR9033-TR2 Datasheet
99Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LHRF9033-TR2 LIGITEK-LHRF9033-TR2 Datasheet
131Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LHRF9553-T-TR1 LIGITEK-LHRF9553-T-TR1 Datasheet
145Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSEF9033-TR1 LIGITEK-LSEF9033-TR1 Datasheet
102Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSEF9033-TR2 LIGITEK-LSEF9033-TR2 Datasheet
102Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LH9353-TR1 LIGITEK-LH9353-TR1 Datasheet
133Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUY9033-TR3 LIGITEK-LUY9033-TR3 Datasheet
100Kb / 8P
   SURFACE MOUNT TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com