Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2218A Datasheet(PDF) 1 Page - Comset Semiconductor

Part No. 2N2218A
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  COMSET [Comset Semiconductor]
Homepage  http://comset.halfin.com
Logo 

   
 1 page
background image
NPN 2N2218A – 2N2219A
COMSET SEMICONDUCTORS
1/3
The 2N2218A and 2N2219A are NPN transistors mounted in TO-39 metal case .
They are designed for high-speed switching applications,
And feature useful current gain over a wide range of collector current, low leakage currents and low
saturation voltages.
Compliance to RoHS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
2N2218A
VCEO
Collector-Emitter Voltage
2N2219A
40
V
2N2218A
VCBO
Collector-Base Voltage
2N2219A
75
V
2N2218A
VEBO
Emitter-Base Voltage
2N2219A
6
V
2N2218A
IC
Collector Current
2N2219A
800
mA
2N2218A
PD
Total Power Dissipation
@ Tamb = 25°
2N2219A
0.8
Watts
2N2218A
PD
Total Power Dissipation
@ Tcase= 25°
2N2219A
3
Watts
2N2218A
TJ
Junction Temperature
2N2219A
175
°C
2N2218A
TStg
Storage Temperature range
2N2219A
-65 to +200
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
2N2218A
RthJ-a
Thermal Resistance, Junction to ambient in
free air
2N2219A
50
°C/W
2N2218A
RthJ-c
Thermal Resistance, Junction to case
2N2219A
187.5
°C/W
S
SIIL
LIIC
CO
ON
N P
PL
LA
AN
NA
AR
R E
EP
PIIT
TA
AX
XIIA
AL
L T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl