Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1599 Datasheet(PDF) 1 Page - Comset Semiconductor

Part No. 2N1599
Description  SILICON THYRISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  COMSET [Comset Semiconductor]
Homepage  http://comset.halfin.com
Logo 

   
 1 page
background image
COMSET SEMICONDUCTORS
1/2
2N1595 thru 2N1599
SILICON THYRISTOR
Industrial-type, low-current silicon controlled rectifiers
in a three-lead package ideal for printed-circuit applications.
Current handling capability of 1.6 amperes at junction temperetures to 125°C
MAXIMUM RATINGS (*)
TJ=125°C unless otherwise noted
Symbol
Ratings
2N1595
2N1596
2N1597
2N1598
2N1599
VRSM(REP)
Peak reverse blocking voltage *
50
100
200
300
400
V
IT(RMS)
Forward Current RMS (all conduction
angles)
1.6
Amp
ITSM
Peak Surge Current
(One Cycle, 60Hz, TJ=-65 to +125°C)
15
Amp
PGM
Peak Gate Power – Forward
0.1
W
PG(AV)
Average Gate Power - Forward
0.01
W
IGM
Peak Gate Current – Forward
0.1
Amp
VGFM
Peak Gate Voltage - Forward
10
V
VGRM
Peak Gate Voltage - Reverse
10
V
TJ
Operating
Junction
Temperature
Range
-65 to +125
TSTG
Storage Temperature Range
-65 to +150
°C
ELECTRICAL CHARACTERISTICS
TJ=25°C unless otherwise noted, RGK=1000
Symbol
Ratings
2N1595
2N1596
2N1597
2N1598
2N1599
VDRM
Peak Forward Blocking
Voltage *
Min :
50
100
200
300
400
V
IRRM
Peak Reverse Blocking Current
(Rated
VDRM, TJ =125°C)
Max : 1.0
mA




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl