Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOM080S5R Datasheet(PDF) 11 Page - AZ Displays

Part # AOM080S5R
Description  SPECIFICATIONS FOR 8.0??OPEN FRAME MONITOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

AOM080S5R Datasheet(HTML) 11 Page - AZ Displays

Back Button AOM080S5R Datasheet HTML 7Page - AZ Displays AOM080S5R Datasheet HTML 8Page - AZ Displays AOM080S5R Datasheet HTML 9Page - AZ Displays AOM080S5R Datasheet HTML 10Page - AZ Displays AOM080S5R Datasheet HTML 11Page - AZ Displays AOM080S5R Datasheet HTML 12Page - AZ Displays AOM080S5R Datasheet HTML 13Page - AZ Displays AOM080S5R Datasheet HTML 14Page - AZ Displays AOM080S5R Datasheet HTML 15Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image


Similar Part No. - AOM080S5R

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOM015V75X2Q AOSMD-AOM015V75X2Q Datasheet
1Mb / 8P
   750 V αSiC Silicon Carbide Power MOSFET
Rev. 1.2 December 2022
AOM033V120X2 AOSMD-AOM033V120X2 Datasheet
885Kb / 9P
   1200 V αSiC Silicon Carbide Power MOSFET
Rev. 1.0 June 2021
AOM033V120X2Q AOSMD-AOM033V120X2Q Datasheet
778Kb / 9P
   1200 V αSiC Silicon Carbide Power MOSFET
Rev. 1.1 June 2021
AOM060V75X2Q AOSMD-AOM060V75X2Q Datasheet
1Mb / 8P
   750 V αSiC Silicon Carbide Power MOSFET
Rev. 1.2 October 2022
AOM065V120X2 AOSMD-AOM065V120X2 Datasheet
818Kb / 9P
   1200 V αSiC Silicon Carbide Power MOSFET
Rev. 1.1 March 2022
More results

Similar Description - AOM080S5R

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AOM121S AZDISPLAYS-AOM121S Datasheet
2Mb / 18P
   SPECIFICATIONS FOR 12.1??OPEN FRAME MONITOR
AOM150X03 AZDISPLAYS-AOM150X03 Datasheet
2Mb / 18P
   SPECIFICATIONS FOR 15.0??OPEN FRAME MONITOR
logo
Purdy Electronics Corpo...
AND-TFT-150B-KIT PURDY-AND-TFT-150B-KIT Datasheet
1Mb / 13P
   Open Frame Monitor
logo
Advantech Co., Ltd.
96LCDK19-1 ADVANTECH-96LCDK19-1_13 Datasheet
333Kb / 2P
   19" Open Frame Gaming Monitor
IDS-3110 ADVANTECH-IDS-3110_17 Datasheet
443Kb / 3P
   10.4' Industrial Open Frame Monitor
IDS-3110 ADVANTECH-IDS-3110_V01 Datasheet
506Kb / 3P
   10.4 Industrial Open Frame Monitor
24-Jul-2020
96LCDK19 ADVANTECH-96LCDK19 Datasheet
333Kb / 2P
   19 Open Frame Gaming Monitor
24-Apr-2013
IDS-3118W ADVANTECH-IDS-3118W_15 Datasheet
419Kb / 2P
   18.5" HD Open Frame Monitor
96LCDK23-1 ADVANTECH-96LCDK23-1_13 Datasheet
493Kb / 2P
   23" Open Frame Gaming Monitor
logo
Axiomtek Co., Ltd.
LD-101 AXIOMTEK-LD-101 Datasheet
131Kb / 1P
   Industrial Open Frame LCD Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com