Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1597 Datasheet(PDF) 2 Page - Comset Semiconductor

Part No. 2N1597
Description  SILICON THYRISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  COMSET [Comset Semiconductor]
Homepage  http://comset.halfin.com
Logo 

   
 2 page
background image
COMSET SEMICONDUCTORS
2/2
2N1595 thru 2N1599
Symbol
Ratings
2N1595
2N1596
2N1597
2N1598
2N1599
IDRM
Peak Forward Blocking Current
(Rated
VDRM with gate open , TJ
=125°C)
Max :1.0
mA
IGT
Gate Trigger Current (2)
Anode Voltage=7.0 Vdc, RL=12
Typ : 2.0
Max : 10
mA
Gate Trigger Voltage
Anode Voltage=7.0 Vdc, RL=12
Typ : 0.7
Max : 3.0
VGT
VDRM = Rated, RL=100
Ω, T
J=125°C
Min : 0.2
V
IH
Holding Current
Anode Voltage=7.0 Vdc, gate open
Typ : 5.0
mA
VTM
Forward On Voltage
IT=1 Adc
Typ : 1.1
Max : 2.0
V
tgt
Turn-On Time (td+tr)
IGT=10 mA, IT=1 A
Typ : 0.8
µs
tq
Turn-Off Time
IT=1 A, IR =1 A, dv/dt=20 V/
µs,
TJ=125°C
VDRM = Rated Voltage
Typ : 10
µs
* VDRM or VRSM can be applied for all types on a continuous dc basis without incurring damage.
MECHANICAL DATA CASE TO-39
DIMENSIONS
mm inches
A
6,25
0,24
B
13,59
0,53
C
9,24
0,36
D
8,24
0,32
E
0,78
0,03
F
1,05
0,041
G
0,42
0,165
H
45°
L5,1
0,2
Pin 1 :
Cathode
Pin 2 :
Gate
Pin 3 :
Anode
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability
for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl