Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA140B-3-HG-S9-PF Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LA140B-3-HG-S9-PF
Description  LA140B-3-HG-S9-PF
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA140B-3-HG-S9-PF Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LA140B-3-HG-S9-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA140B-3-HG-S9-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA140B-3-HG-S9-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA140B-3-HG-S9-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA140B-3-HG-S9-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA140B-3-HG-S9-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA140B-3-HG-S9-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
600
0.0
0.5
Wavelength (nm)
700
800
900
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
1.0
-20
-40
0.8
1.0
0.9
1.1
1.2
0.5
-20
Ambient Temperature(
)
80
60
40
20
0
-40
100
0.0
80
60
0
20
40
100
Fig.4 Relative Intensity vs. Temperature
2.5
1.5
1.0
2.0
3.0
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
100
0.1
1.0
1.0
10
1000
H CHIP
Forward Voltage(V)
2.0
3.0
4.0
5.0
1.0
0.0
1.5
1.0
0.5
2.0
2.5
Forward Current(mA)
10
100
1000
Fig.2 Relative Intensity vs. Forward Current
3.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1000
3/6
Page
140B-3/HG-S9-PF
PART NO. LA


Similar Part No. - LA140B-3-HG-S9-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA140B-3-HG-S3-PF LIGITEK-LA140B-3-HG-S3-PF Datasheet
135Kb / 7P
   LED ARRAY
More results

Similar Description - LA140B-3-HG-S9-PF

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
368603 ADELS-368603 Datasheet
118Kb / 1P
   GST 860 HG/ 3
378603 ADELS-378603 Datasheet
118Kb / 1P
   GST 865 HG/ 3
377603 ADELS-377603 Datasheet
117Kb / 1P
   GST 864 HG/ 3
366603 ADELS-366603 Datasheet
116Kb / 1P
   GST 760 HG/ 3
logo
Knowles Electronics
2403-260-00177 KNOWLES-2403-260-00177 Datasheet
957Kb / 21P
   SPEAKER-916-3-S9-WILDCAT-O-950
2403-260-00165 KNOWLES-2403-260-00165 Datasheet
679Kb / 21P
   SPEAKER-916-3-S9-WILDCAT-O-950
logo
Ralston Instruments.
DV0V-30HG-D RALSTON-DV0V-30HG-D Datasheet
331Kb / 1P
   DV0V (Hg / 650 mm Hg Vac) pump
logo
Epson Company
HG-2150CA EPSON-HG-2150CA Datasheet
147Kb / 6P
   HG-2150CA
logo
Adels-Contact
378604 ADELS-378604 Datasheet
119Kb / 1P
   GST 865 HG/ 4
378609 ADELS-378609 Datasheet
109Kb / 1P
   GST 865 HG/ 9
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com