Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2101 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2101
Description  2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2101 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2101 Datasheet HTML 1Page - Diodes Incorporated AP2101 Datasheet HTML 2Page - Diodes Incorporated AP2101 Datasheet HTML 3Page - Diodes Incorporated AP2101 Datasheet HTML 4Page - Diodes Incorporated AP2101 Datasheet HTML 5Page - Diodes Incorporated AP2101 Datasheet HTML 6Page - Diodes Incorporated AP2101 Datasheet HTML 7Page - Diodes Incorporated AP2101 Datasheet HTML 8Page - Diodes Incorporated AP2101 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP2101/AP2111
2A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2101/AP2111 Rev. 1
1 of 14
NOVEMBER 2009
www.diodes.com
© Diodes Incorporated
Single USB port power switches with auto-discharge
Short-circuit current and thermal protection
2.45A accurate current limiting
Fast transient response time: 5
μs
90m
on-resistance
Reverse Current Blocking
Input voltage range: 2.7V – 5.5V
0.6ms typical rise time
Very low shutdown current: 1
μA (max)
Fault report (FLG) with blanking time (7ms typ)
ESD protection: 4KV HBM, 300V MM
Active low (AP2101) or active high (AP2111) enable
Ambient temperature range: -35°C to 85°C
SOP-8L and MSOP-8L-EP (Exposed Pad): Available in
“Green” Molding Compound (No Br, Sb)
Lead Free Finish / RoHS Compliant (Note 1)
UL Recognized, File Number E322375 (pending)
IEC60950-1 CB Scheme Certified
The AP2101 and AP2111 are integrated high-side power switches
optimized for Universal Serial Bus (USB) and other hot-swap
applications. The family of devices complies with USB 2.0 and
available with both polarities of Enable input.
They offer current
and thermal limiting and short circuit protection as well as
controlled rise time, under-voltage lockout and auto-discharge
functionalities. A 7ms deglitch capability on the open-drain Flag
output prevents false over-current reporting and does not require
any external components.
All devices are available in SOP-8L and MSOP-8L-EP packages.
Consumer electronics – LCD TV & Monitor, Game Machines
Communications – Set-Top-Box, GPS, Smartphone
Computing – Laptop, Desktop, Servers, Printers, Docking Station, HUB
0.1uF
IN
GND
EN
OUT
ON
120uF
Power Supply
2.7V to 5.5V
0.1uF
OFF
FLG
Load
10k
10uF
AP2111 Enable Active High
Available Options
Part Number
Channel
Enable pin (EN)
Current limit
(typical)
Recommended maximum
continuous load current
AP2101
1
Active Low
2.45A
2.0A
AP2111
1
Active High
2.45A
2.0A
Features
Description
Applications
Typical Application Circuit


Similar Part No. - AP2101

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2101 DIODES-AP2101 Datasheet
370Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 2
AP2101 DIODES-AP2101_10 Datasheet
370Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 2
More results

Similar Description - AP2101

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2101 DIODES-AP2101_10 Datasheet
370Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 2
logo
Monolithic Power System...
MP62260 MPS-MP62260 Datasheet
417Kb / 11P
   3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
MP62180 MPS-MP62180 Datasheet
353Kb / 12P
   3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
logo
Diodes Incorporated
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
logo
Monolithic Power System...
MP62040 MPS-MP62040 Datasheet
339Kb / 8P
   1.7V ??5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch
logo
Diodes Incorporated
AP2501 DIODES-AP2501_13 Datasheet
509Kb / 18P
   2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2141 DIODES-AP2141_13 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2141WG-7 DIODES-AP2141WG-7 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2141A DIODES-AP2141A Datasheet
1Mb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com