Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62237DRYT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62237DRYT
Description  2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62237DRYT Datasheet(HTML) 5 Page - Texas Instruments

  TPS62237DRYT Datasheet HTML 1Page - Texas Instruments TPS62237DRYT Datasheet HTML 2Page - Texas Instruments TPS62237DRYT Datasheet HTML 3Page - Texas Instruments TPS62237DRYT Datasheet HTML 4Page - Texas Instruments TPS62237DRYT Datasheet HTML 5Page - Texas Instruments TPS62237DRYT Datasheet HTML 6Page - Texas Instruments TPS62237DRYT Datasheet HTML 7Page - Texas Instruments TPS62237DRYT Datasheet HTML 8Page - Texas Instruments TPS62237DRYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
1
2
3
6
5
4
MODE
SW
VIN
FB
EN
GND
DRY PACKAGE
(TOP VIEW)
GateDriver
Anti
Shoot-Through
Current
LimitComparator
SW
Softstart
Bandgap
Undervoltage
Lockout
Limit
HighSide
Limit
LowSide
FB
EN
MODE
VIN
GND
Min.On Time
Min.OFF Time
VIN
EN
Integrated
FeedBack
Network
VREF
FB
Error
Comparator
Zero/Negative
CurrentLimitComparator
Control
Logic
PMOS
NMOS
MODE
Thermal
Shutdown
VREF
0.70V
TPS62230, TPS62231, TPS62232, TPS62233
TPS62234, TPS62235, TPS62236, TPS62237
TPS62238, TPS62239, TPS622310, TPS622311
www.ti.com
SLVS941B – APRIL 2009 – REVISED DECEMBER 2009
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO
VIN
3
PWR
VIN power supply pin.
GND
4
PWR
GND supply pin
EN
5
IN
This is the enable pin of the device. Pulling this pin to low forces the device into shutdown mode. Pulling
this pin to high enables the device. This pin must be terminated.
SW
2
OUT
This is the switch pin and is connected to the internal MOSFET switches. Connect the inductor to this
terminal
FB
6
IN
Feedback Pin for the internal regulation loop. Connect this pin directly to the output capacitor.
MODE
1
IN
MODE pin = high forces the device to operate in PWM mode. Mode = low enables the Power Save Mode
with automatic transition from PFM (Pulse frequency mode) to PWM (pulse width modulation) mode.
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS62230 TPS62231 TPS62232 TPS62233 TPS62234 TPS62235 TPS62236 TPS62237
TPS62238 TPS62239 TPS622310 TPS622311


Similar Part No. - TPS62237DRYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62237DRYT TI1-TPS62237DRYT Datasheet
2Mb / 40P
[Old version datasheet]   2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
More results

Similar Description - TPS62237DRYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI1-TPS62230_14 Datasheet
1Mb / 36P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com