Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2AM0905S Datasheet(PDF) 2 Page - RFHIC

Part # 2AM0905S
Description  Variable Gain Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

2AM0905S Datasheet(HTML) 2 Page - RFHIC

  2AM0905S Datasheet HTML 1Page - RFHIC 2AM0905S Datasheet HTML 2Page - RFHIC 2AM0905S Datasheet HTML 3Page - RFHIC 2AM0905S Datasheet HTML 4Page - RFHIC 2AM0905S Datasheet HTML 5Page - RFHIC 2AM0905S Datasheet HTML 6Page - RFHIC 2AM0905S Datasheet HTML 7Page - RFHIC 2AM0905S Datasheet HTML 8Page - RFHIC 2AM0905S Datasheet HTML 9Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
V
Va
ar
riia
ab
blle
e G
Ga
aiin
n
Amplifier
2
2A
AM
M S
Se
er
riie
ess
▪ Tel : 82-31-250-5011
Page 2/9
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.2
<2AM2121S RF data>
<S-parameter>
<Output IP3@1700MHz at 10dBm output level >


Similar Part No. - 2AM0905S

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2AM1 ALTECH-2AM1 Datasheet
184Kb / 1P
   22mm Non-Illuminated Mushroom Momentary Mental Operator 2AMx
2AM2 ALTECH-2AM2 Datasheet
184Kb / 1P
   22mm Non-Illuminated Mushroom Momentary Mental Operator 2AMx
2AM3 ALTECH-2AM3 Datasheet
184Kb / 1P
   22mm Non-Illuminated Mushroom Momentary Mental Operator 2AMx
2AM4 ALTECH-2AM4 Datasheet
184Kb / 1P
   22mm Non-Illuminated Mushroom Momentary Mental Operator 2AMx
2AM6 ALTECH-2AM6 Datasheet
184Kb / 1P
   22mm Non-Illuminated Mushroom Momentary Mental Operator 2AMx
More results

Similar Description - 2AM0905S

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
   Variable gain amplifier
5/21/2012
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
   VARIABLE GAIN AMPLIFIER
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
   VARIABLE GAIN AMPLIFIER
AD8330 AD-AD8330_16 Datasheet
1Mb / 32P
   Variable Gain Amplifier
logo
Hittite Microwave Corpo...
HMC996LP4E HITTITE-HMC996LP4E_12 Datasheet
550Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
VCA2617 BURR-BROWN-VCA2617 Datasheet
526Kb / 19P
   Dual, Variable Gain Amplifier
logo
BeRex Corporation
BVA305B BEREX-BVA305B Datasheet
1Mb / 18P
   DIGITAL VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com