Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS658621AZGUT Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS658621AZGUT
Description  Advanced Power Management Unit
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS658621AZGUT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS658621AZGUT Datasheet HTML 7Page - Texas Instruments TPS658621AZGUT Datasheet HTML 8Page - Texas Instruments TPS658621AZGUT Datasheet HTML 9Page - Texas Instruments TPS658621AZGUT Datasheet HTML 10Page - Texas Instruments TPS658621AZGUT Datasheet HTML 11Page - Texas Instruments TPS658621AZGUT Datasheet HTML 12Page - Texas Instruments TPS658621AZGUT Datasheet HTML 13Page - Texas Instruments TPS658621AZGUT Datasheet HTML 14Page - Texas Instruments TPS658621AZGUT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 105 page
background image
TPS658621A
www.ti.com
SLVSA58 – DECEMBER 2009
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BATTERY VOLTAGE THRESHOLDS AND CHARGER TIMING
TCHGDLY
Charger turn-off delay
Time delay to turn off charger or set suspend mode
25
ms
Selectable via I
2C, 2.9V or
Fast charge at V(BAT) > VLOWBAT
V
Precharge to fast-charge transition , selectable via
2.5V
VLOWBAT
I
2C
Total accuracy, relative to selected value
–3%
3.25%
TDGL(PRE)
Deglitch time for fast charge to precharge transition Decreasing battery voltage
25
ms
New charge cycle starts if
VRCH
Recharge threshold voltage
25
100
170
mV
V(BAT) < VO(BATREG) – VRCH, after termination was detected
TDGL(RCH)
Deglitch time for battery recharge detection
65
ms
PACK INSERTION AND PACK TEMPERATURE FAULT DETECTION , V(VTSBIAS)>2V
KTHOT
Pack hot temperature detection constant
Pack hot temp detected and charge suspended at V(TS) < V(2V2) × KTHOT
0.189
0.203
0.222
KTCOLD
Pack cold temperature detection constant
Pack cold temp detected and charge suspended at V(TS) > V(2V2) × KTCOLD
0.610
0.625
0.641
KNOPACK
Pack not detected threshold
V(TS) > V(2V2) × KNOPACK
0.935
0.95
0.965
TDGLTEMP
Pack temperature fault/no fault detection deglitch
15
ms
TDGL(DT)
Pack insertion detection deglitch
10
ms
TDLY(NDT)
Pack removal detection delay
100
μs
RDSTSBIAS
Integrated switch resistance
Measured from VTSBIAS to V2V2
210
ITS(DET)
TS pin bias current
VTSBIAS to V2V2 switch open
–1
μA
CHARGER INTEGRATED MOSFET CHARACTERISTICS
VBATDOCH
Battery Switch dropout voltage, charge
VBATDODCH = V(VIN_CHG) – V(BAT) , V(BAT) :3V, I(BAT) = –1A
100
200
mV
ON at battery not detected and discharge switch enabled via I
2C
IDCH(BAT)
BAT pin discharge current
5
10
mA
(BATDCH=HI), V(BAT) > 1 V
CHARGER PROTECTION AND RECOVERY FUNCTIONS
BATCHG switch set to OFF if
VSH(VIN_CHG) VIN_CHG Short Circuit detection threshold
1.0
1.2
1.4
V
V(VIN_CHG) < VSH(VIN_CHG)
VSH(BAT)
BAT Short Circuit detection threshold
BATCHG switch set to OFF if V(BAT) < VSH(BAT)
1.6
1.8
2.0
V
RSH(BAT)
BAT short circuit recovery pull-up resistor
V(BAT) < VSH(BAT), Internal resistor connected between VIN_CHG and BAT2
1
k
Safety timer value, thermal and DPPM loops not active or DTC function
Selectable via I
2C: 4, 5,6,8
hours
disabled
hours
TCHG
Charge safety timer
Total accuracy
–15%
15%
TPCH=LO
25
30
35
Pre charge timer range, thermal and DPPM
TPRECHG
Precharge timer
min
loops not active or DTC function disabled
TPCH=HI
50
60
70
Internal resistor connected from VIN_CHG to BAT when timer fault is
RTMR(FLT)
Timer fault recovery pull-up resistor
1
k
detected
TSTRCHG
Charger thermal loop threshold
Charge current reduced for TJ > TSTRCHG
125
°C
Copyright © 2009, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
11
Submit Documentation Feedback
Product Folder Link(s): TPS658621A


Similar Part No. - TPS658621AZGUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658621AZGUT TI-TPS658621AZGUT Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
TPS658621AZGUT-1 TI1-TPS658621AZGUT-1 Datasheet
160Kb / 6P
[Old version datasheet]   Advanced Power Management Unit
More results

Similar Description - TPS658621AZGUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892_17 Datasheet
1Mb / 32P
   Advanced Power Management Unit
Rev 3, 28-June-17
logo
Texas Instruments
TPS658629-Q1 TI1-TPS658629-Q1 Datasheet
849Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658621C TI-TPS658621C Datasheet
368Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com