Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD20T2 Datasheet(PDF) 2 Page - RFHIC

Part # PD20T2
Description  2Way Power Divider
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

PD20T2 Datasheet(HTML) 2 Page - RFHIC

  PD20T2 Datasheet HTML 1Page - RFHIC PD20T2 Datasheet HTML 2Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
2W
Wa
ay
y
P
Po
ow
we
er
r D
Diiv
viid
de
er
r
P
PD
D2
20
0T
T2
2
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.1
Typical Performance Data at 25℃ (SOT23-6L Package)
Package Dimensions (Type: SOT23-6L)
1.95
2.00
2.05
2.10
2.15
1.90
2.20
-3.8
-3.6
-3.4
-3.2
-4.0
-3.0
Freq(GHz)
Insertion Loss vs. Frequency
1.95
2.00
2.05
2.10
2.15
1.90
2.20
-15
-10
-5
-20
0
Freq(GHz)
Input Return Loss vs. Frequency
1.95
2.00
2.05
2.10
2.15
1.90
2.20
-25
-20
-15
-10
-5
-30
0
Freq(GHz)
Output Return Loss vs. Frequency
1.95
2.00
2.05
2.10
2.15
1.90
2.20
-30
-25
-20
-15
-10
-5
-35
0
Freq(GHz)
Isolation vs. Frequency
RFHIC Corporation (RFHIC) reserves the right to make changes to any products herein or to discontinue any product at any time without notice. RFHIC do not
assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including without limitation consequential or
incidental damages. The product specifications herein expressed have been carefully checked and are assumed to be reliable. However, RFHIC disclaims liability for
inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase orders. RFHIC products are not
intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or sells
such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC and its directors, officers, stockholders,
employees, representatives and distributors harmless against any and all claims arising out of such use. RFHIC’s liability under or arising out of damages, claims of
whatsoever kind and nature which RFHIC products could cause shall be limited in amount to the net purchase price of the products sold to buyer by RFHIC
.


Similar Part No. - PD20T2

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PD20 EDI-PD20 Datasheet
69Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
logo
Tyco Electronics
PD20-0010-S MACOM-PD20-0010-S Datasheet
22Kb / 1P
   Three-Way In-Phase Power Divider 25 - 1000 MHz
logo
Vishay Siliconix
PD200 VISHAY-PD200 Datasheet
122Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 20-Nov-01
logo
STMicroelectronics
PD20010-E STMICROELECTRONICS-PD20010-E Datasheet
240Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
May 2012 Rev 2
PD20010S-E STMICROELECTRONICS-PD20010S-E Datasheet
240Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
May 2012 Rev 2
More results

Similar Description - PD20T2

ManufacturerPart #DatasheetDescription
logo
RFHIC
PD18T2 RFHIC-PD18T2 Datasheet
166Kb / 2P
   2Way Power Divider
PD36T2 RFHIC-PD36T2 Datasheet
164Kb / 2P
   2Way Power Divider
PD20C2 RFHIC-PD20C2 Datasheet
168Kb / 2P
   2Way Power Divider
PD23T2 RFHIC-PD23T2 Datasheet
164Kb / 2P
   2Way Power Divider
PD26C2 RFHIC-PD26C2 Datasheet
168Kb / 2P
   2Way Power Divider
PD09C2 RFHIC-PD09C2 Datasheet
171Kb / 2P
   2Way Power Divider
PD23C2 RFHIC-PD23C2 Datasheet
168Kb / 2P
   2Way Power Divider
PD26T2 RFHIC-PD26T2 Datasheet
164Kb / 2P
   2Way Power Divider
PD36C2 RFHIC-PD36C2 Datasheet
168Kb / 2P
   2Way Power Divider
logo
List of Unclassifed Man...
PD09C2 ETC2-PD09C2 Datasheet
188Kb / 2P
   2Way Power Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com