Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5613DKD Datasheet(PDF) 9 Page - Texas Instruments

Part # TAS5613DKD
Description  150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5613DKD Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5613DKD Datasheet HTML 5Page - Texas Instruments TAS5613DKD Datasheet HTML 6Page - Texas Instruments TAS5613DKD Datasheet HTML 7Page - Texas Instruments TAS5613DKD Datasheet HTML 8Page - Texas Instruments TAS5613DKD Datasheet HTML 9Page - Texas Instruments TAS5613DKD Datasheet HTML 10Page - Texas Instruments TAS5613DKD Datasheet HTML 11Page - Texas Instruments TAS5613DKD Datasheet HTML 12Page - Texas Instruments TAS5613DKD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TAS5613
www.ti.com
SLAS676 – NOVEMBER 2009
AUDIO CHARACTERISTICS (BTL)
PCB and system configuration are in accordance with recommended guidelines. Audio frequency = 1kHz, PVDD_X = 36V,
GVDD_X = 12V, RL = 4Ω, fS = 400kHz, ROC = 30kΩ, TC = 75°C, Output Filter: LDEM = 7μH, CDEM = 680nF, mode = 010,
unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 3Ω, 10% THD+N (ROC = 22kΩ, add
200
Schottky diodes from OUT_X to GND_X)
RL = 4Ω, 10% THD+N
150
PO
Power output per channel
W
RL = 3Ω, 1% THD+N (ROC = 22kΩ, add
160
Schottky diodes from OUT_X to GND_X)
RL = 4Ω, 1% THD+N
125
THD+N
Total harmonic distortion + noise
1 W
0.03%
A-weighted, AES17 filter, Input Capacitor
Vn
Output integrated noise
185
μV
Grounded
|VOS|
Output offset voltage
Inputs AC coupled to GND
20
50
mV
SNR
Signal-to-noise ratio(1)
100
dB
DNR
Dynamic range
100
dB
Pidle
Power dissipation due to Idle losses (IPVDD_X)
PO = 0, 4 channels switching
(2)
1.8
W
(1)
SNR is calculated relative to 1% THD+N output level.
(2)
Actual system idle losses also are affected by core losses of output inductors.
AUDIO CHARACTERISTICS (PBTL)
PCB and system configuration are in accordance with recommended guidelines. Audio frequency = 1kHz, PVDD_X = 36V,
GVDD_X = 12V, RL = 2Ω, fS = 400 kHz, ROC = 30kΩ, TC = 75°C, Output Filter: LDEM = 7μH, CDEM = 680nF, MODE = 101-BD,
unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 2Ω, 10% THD+N
300
RL = 3Ω, 10% THD+N
200
RL = 4Ω, 10% THD+N
160
PO
Power output per channel
W
RL = 2Ω, 1% THD+N
250
RL = 3Ω, 1% THD+N
160
RL = 4Ω, 1% THD+N
130
THD+N
Total harmonic distortion + noise
1 W
0.05%
Vn
Output integrated noise
A-weighted
182
μV
SNR
Signal to noise ratio(1)
A-weighted
100
dB
DNR
Dynamic range
A-weighted
100
dB
Pidle
Power dissipation due to idle losses (IPVDD_X) PO = 0, 4 channels switching
(2)
1.8
W
(1)
SNR is calculated relative to 1% THD+N output level.
(2)
Actual system idle losses are affected by core losses of output inductors.
ELECTRICAL CHARACTERISTICS
PVDD_X = 36V, GVDD_X = 12V, VDD = 12V, TC (Case temperature) = 75°C, fS = 400kHz, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL VOLTAGE REGULATOR AND CURRENT CONSUMPTION
Voltage regulator, only used as reference
VREG
VDD = 12V
3
3.3
3.6
V
node
Analog comparator reference node,
1.5
1.75
1.9
V
VI_CM
Operating, 50% duty cycle
20
IVDD
VDD supply current
mA
Idle, reset mode
20
50% duty cycle
10
IGVDD_x
Gate-supply current per half-bridge
mA
Reset mode
1.5
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TAS5613


Similar Part No. - TAS5613DKD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5613ADKD TI-TAS5613ADKD Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613ADKD TI1-TAS5613ADKD Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5613ADKDR TI1-TAS5613ADKDR Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
More results

Similar Description - TAS5613DKD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5613A TI-TAS5613A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5614ADKDR TI1-TAS5614ADKDR Datasheet
1Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614 TI-TAS5614 Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5615 TI-TAS5615 Datasheet
1Mb / 30P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5615 TI-TAS5615_10 Datasheet
1Mb / 34P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com