Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5612PHD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5612PHD
Description  125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5612PHD Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5612PHD Datasheet HTML 6Page - Texas Instruments TAS5612PHD Datasheet HTML 7Page - Texas Instruments TAS5612PHD Datasheet HTML 8Page - Texas Instruments TAS5612PHD Datasheet HTML 9Page - Texas Instruments TAS5612PHD Datasheet HTML 10Page - Texas Instruments TAS5612PHD Datasheet HTML 11Page - Texas Instruments TAS5612PHD Datasheet HTML 12Page - Texas Instruments TAS5612PHD Datasheet HTML 13Page - Texas Instruments TAS5612PHD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
TAS5612
SLAS682 – NOVEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
PVDD_X = 32.5V, GVDD_X = 12V, VDD = 12V, TC (Case temperature) = 75°C, fS = 384kHz, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I/O PROTECTION
Vuvp,G
Undervoltage protection limit, GVDD_x
10
V
Vuvp,hyst
(1)
0.6
V
OTW1(1)
Overtemperature warning 1
95
100
105
°C
OTW2(1)
Overtemperature warning 2
115
125
135
°C
Temperature drop needed below OTW
OTWhyst
(1)
temperature for OTW to be inactive after
25
°C
OTW event.
Overtemperature error
145
155
165
°C
OTE(1)
OTE-OTW differential
30
°C
A reset needs to occur for SD to be released
OTEHYST
(1)
25
°C
following an OTE event
OLPC
Overload protection counter
fPWM = 384kHz
2.6
ms
Resistor – programmable, nominal peak
12.6
current in 1
Ω load, ROCP = 30kΩ
Resistor – programmable, nominal peak
Overcurrent limit protection
A
current in 1
Ω load, ROCP = 22kΩ
16.3
(With Schottky diodes from OUT_X to
GND_X)
IOC
Resistor – programmable, nominal peak
12.6
current in 1
Ω load, ROCP = 64kΩ
Resistor – programmable, nominal peak
Overcurrent limit protection, latched
A
current in 1
Ω load, ROCP = 47kΩ
16.3
(With Schottky diodes from OUT_X to
GND_X)
Time from application of short condition to
IOCT
Overcurrent response time
150
ns
Hi-Z of affected half bridge
Connected when RESET is active to
Internal pulldown resistor at output of each
IPD
provide bootstrap charge. Not used in SE
3
mA
half bridge
mode.
STATIC DIGITAL SPECIFICATIONS
VIH
High level input voltage
1.9
V
INPUT_X, M1, M2, M3, RESET
VIL
Low level input voltage
0.8
V
Ilkg
Input leakage current
100
μA
OTW/SHUTDOWN (SD)
Internal pullup resistance, OTW1 to VREG,
RINT_PU
20
26
33
k
OTW2 to VREG, SD to VREG
Internal pullup resistor
3
3.3
3.6
VOH
High level output voltage
V
External pullup of 4.7k
Ω to 5V
4.5
5
VOL
Low level output voltage
IO = 4mA
200
500
mV
Device fanout OTW1, OTW2, SD, CLIP,
FANOUT
No external pullup
30
devices
READY
(1)
Specified by design.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5612


Similar Part No. - TAS5612PHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5612PHD TI-TAS5612PHD Datasheet
1Mb / 26P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5612PHDR TI-TAS5612PHDR Datasheet
1Mb / 26P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results

Similar Description - TAS5612PHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5612A TI-TAS5612A Datasheet
1Mb / 26P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5612A TI-TAS5612A_15 Datasheet
2Mb / 28P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5611 TI-TAS5611 Datasheet
1Mb / 28P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A Datasheet
1Mb / 27P
[Old version datasheet]   125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A_10 Datasheet
2Mb / 29P
[Old version datasheet]   125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A_15 Datasheet
1Mb / 28P
[Old version datasheet]   STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5614ADKDR TI1-TAS5614ADKDR Datasheet
1Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614 TI-TAS5614 Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com