Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFL-0945R Datasheet(PDF) 1 Page - RFHIC

Part # RFL-0945R
Description  LNA Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RFL-0945R Datasheet(HTML) 1 Page - RFHIC

  RFL-0945R Datasheet HTML 1Page - RFHIC RFL-0945R Datasheet HTML 2Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L
LN
NA
A M
Mo
od
du
ulle
e
R
RF
FL
L--0
09
94
45
5R
R // 1
17
74
40
0R
R // 1
18
84
40
0R
R
R
RF
FL
L--0
09
94
45
5T
T // 1
17
74
40
0T
T // 1
18
84
40
0T
T
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.0
Product Features
Application
• Low Noise Figure
• High Reliability
• High Linearity
• Single Supply Voltage
• Small size by using simple matching circuit board
• High Productivity
• Hybrid Amplifiers on Ceramic Board
• Competitive Price
• CDMA, GSM Repeater
• Base Station
• RF Sub-Systems
Description
This LNA Module is a high gain, ultra low noise amplifier module.
It has superior performance comes with a modest price tag.
Specifications
(Operating Temperature:-30
°C~+70°C)
PARAMETER
RFL-0945R
RFL-0945T
RFL-1740R
RFL-1740T
RFL-1840R
RFL-1840T
Frequency Range (MHz)
824~849
869~894
1750~1780
1840~1870
1885~1910
1965~1990
Gain
45dB ± 0.5dB
40dB ± 0.5dB
Gain Flatness
± 0.5dB
VSWR
1.3 : 1
Noise Figure (max)
1.0dB
OIP3 (max)
38dBm
Current (max)
400mA
Supply Voltage
8~12V
Current Alarm
Normal : TTL High, Abnormal : TTL Low ( TTL type )
Operating Temperature
-30
~ +70
℃℃
Connector Type
SMA - Female
Case Dimension
66 × 44 × 16.5 [mm]


Similar Part No. - RFL-0945R

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFL-0945D RFHIC-RFL-0945D Datasheet
188Kb / 2P
   LNA Module
More results

Similar Description - RFL-0945R

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFL-0935D RFHIC-RFL-0935D Datasheet
188Kb / 2P
   LNA Module
RFL-830D RFHIC-RFL-830D Datasheet
145Kb / 2P
   LNA Module
RFL-1745R RFHIC-RFL-1745R Datasheet
155Kb / 2P
   LNA Module
RFL-2335D RFHIC-RFL-2335D Datasheet
168Kb / 2P
   LNA Module
RFL-0930R RFHIC-RFL-0930R Datasheet
174Kb / 2P
   LNA Module
RFL-2340 RFHIC-RFL-2340 Datasheet
155Kb / 2P
   LNA Module
RFL-1830D RFHIC-RFL-1830D Datasheet
213Kb / 2P
   LNA Module
RFL-2635D RFHIC-RFL-2635D Datasheet
181Kb / 2P
   LNA Module
logo
Broadcom Corporation.
ALM-2203 BOARDCOM-ALM-2203 Datasheet
97Kb / 2P
   SDARS LNA Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2203 AVAGO-ALM-2203 Datasheet
97Kb / 2P
   SDARS LNA Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com