Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL2701-L Datasheet(PDF) 1 Page - RFHIC

Part # CL2701-L
Description  Low Noise Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

CL2701-L Datasheet(HTML) 1 Page - RFHIC

  CL2701-L Datasheet HTML 1Page - RFHIC CL2701-L Datasheet HTML 2Page - RFHIC CL2701-L Datasheet HTML 3Page - RFHIC CL2701-L Datasheet HTML 4Page - RFHIC CL2701-L Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
L
Lo
ow
w N
No
oiisse
e A
Am
mp
plliiffiie
er
r
C
CL
L2
27
70
01
1--L
L // C
CL
L2
27
70
02
2--L
L
▪ Tel : 82-31-250-5011
page 1/5
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.2
Product Features
Applications
• GaAs p-HEMT chip on board
• No matching circuit needed
• High Maximum input power(+25dBm)
• High IP3 & Low Noise
• Single Supply Voltage (+5V)
• Surface Mount Hybrid Type
• Tape & Reel Packaging
• Small Size, High Heatsink
• Alumina Substrate
• Pb Free / RoHS Standard
• Repeater
• Base Station
• RF Sub-Systems
• WiMAX, WiBro, Radar system
Descriptions
RFHIC’s LOW Noise Amplifier series are all hybrid LNA type products which includes all matching for the convenience of
customers. CL series are focused on giving lowest noise possible. The structure of the device is built with GaAs p-HEMT die
attached on a ceramic thick film substrate. The device is still smaller than the area one would use for the application notes all
together. Depending on the part number, one can use this in different frequency applications. All LNA hybrids are possible to have
custom frequency & spec without any additional NRE cost involved.
All RFHIC products are RoHS compliant.
Electrical Specifications
Parameter
Units
CL2701-L
CL2702-L
Frequency Range
MHz
2300~2700
2700~3100
2300~2700
2700~3100
Small Signal Gain (S21)
dB
12@2500MHz
10.5@2900MHz
12.5@2500MHz 11.5@2900MHz
Gain Flatness
dB
±1.5
±1.0
±1.5
±1.0
Input Return Loss (S11)
dB
-18
-15
-18
-15
Output Return Loss (S22)
dB
-10
-15
-10
-15
1dB Compression Point (P1dB)
dBm
16
16
20
20
Output 3rd Order Intercept Point
(OIP3) (TYP.)
dBm
28
28
33
33
Noise Figure (TYP.)
dB
0.9
0.9 ~ 1.0
0.9
0.9 ~ 1.0
DC Supply Current (Vdc=+5V)
mA
45
45
100
100
Test Condition
Supply voltage = +5V, 50ohm System, Ta = 25℃
OIP3 is measured with two tones, at an output power of +0dBm/tone separated by 1MHz.
Package : CP-16A


Similar Part No. - CL2701-L

ManufacturerPart #DatasheetDescription
logo
RFHIC
CL2701-L RFHIC-CL2701-L_14 Datasheet
676Kb / 6P
   Low Noise Amplifier
More results

Similar Description - CL2701-L

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com