Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC58V64BDC Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC58V64BDC
Description  64-MBIT (8M x 8 BITS) CMOS NAND E2PROM (8M BYTE SmartMediaTM)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58V64BDC Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC58V64BDC Datasheet HTML 1Page - Toshiba Semiconductor TC58V64BDC Datasheet HTML 2Page - Toshiba Semiconductor TC58V64BDC Datasheet HTML 3Page - Toshiba Semiconductor TC58V64BDC Datasheet HTML 4Page - Toshiba Semiconductor TC58V64BDC Datasheet HTML 5Page - Toshiba Semiconductor TC58V64BDC Datasheet HTML 6Page - Toshiba Semiconductor TC58V64BDC Datasheet HTML 7Page - Toshiba Semiconductor TC58V64BDC Datasheet HTML 8Page - Toshiba Semiconductor TC58V64BDC Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TC58V64BDC
2001-10-24
3/33
VALID BLOCKS (1)
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
NVB
Number of Valid Blocks
1014
¾
1024
Blocks
(1) The TC58V64B occasionally contains unusable blocks. Refer to Application Note (13) toward the end of this document.
RECOMMENDED DC OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
VCC
Power Supply Voltage
3.0
3.3
3.6
V
VIH
High Level input Voltage
2.0
¾
VCC + 0.3
V
VIL
Low Level Input Voltage
-0.3*
¾
0.8
V
*
-2 V (pulse width lower than 20 ns)
DC CHARACTERISTICS (Ta
==== 0°~55°C, VCC ==== 3.3 V ±±±± 0.3 V)
SYMBOL
PARAMETER
CONDITION
MIN
TYP.
MAX
UNIT
IIL
Input Leakage Current
VIN = 0 V to VCC
¾
¾
±10
mA
ILO
Output Leakage Current
VOUT = 0.4 V to VCC
¾
¾
±10
mA
ICCO1
Operating Current (Serial Read)
CE
= VIL, IOUT = 0 mA, tcycle = 50
ns
¾
10
30
mA
ICCO3
Operating Current
(Command Input)
tcycle = 50 ns
¾
10
30
mA
ICCO4
Operating Current (Data Input)
tcycle = 50 ns
¾
10
30
mA
ICCO5
Operating Current
(Address Input)
tcycle = 50 ns
¾
10
30
mA
ICCO7
Programming Current
¾
¾
10
30
mA
ICCO8
Erasing Current
¾
¾
10
30
mA
ICCS1
Standby Current
CE
= VIH
¾
¾
1
mA
ICCS2
Standby Current
CE
= VCC - 0.2 V
¾
¾
100
mA
VOH
High Level Output Voltage
IOH = -400 mA
2.4
¾
¾
V
VOL
Low Level Output Voltage
IOL = 2.1 mA
¾
¾
0.4
V
IOL (
BY
/
RY
)
Output Current of
BY
/
RY
pin
VOL = 0.4 V
¾
8
¾
mA


Similar Part No. - TC58V64BDC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58V64ADC TOSHIBA-TC58V64ADC Datasheet
1,002Kb / 33P
   64-MBIT (8M X 8BITS) CMOS NAND E PROM (8M BYTE SmartMedia)
More results

Similar Description - TC58V64BDC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58DVM72A1F TOSHIBA-TC58DVM72A1F Datasheet
369Kb / 34P
   128-MBIT (16M x 8 BITS/8M x 16BITS) CMOS NAND E2PROM
TC58V64ADC TOSHIBA-TC58V64ADC Datasheet
1,002Kb / 33P
   64-MBIT (8M X 8BITS) CMOS NAND E PROM (8M BYTE SmartMedia)
logo
Samsung semiconductor
K9S6408V0A-SSB0 SAMSUNG-K9S6408V0A-SSB0 Datasheet
348Kb / 26P
   8M x 8 Bit SmartMediaTM Card
logo
Toshiba Semiconductor
TC58256AFT TOSHIBA-TC58256AFT Datasheet
345Kb / 33P
   256-MBIT (32M X 8 BITS) CMOS NAND E2PROM
TC5832FT TOSHIBA-TC5832FT Datasheet
1Mb / 38P
   32 MBIT (4M X 8 BITS) CMOS NAND E2PROM
TC581282AXB TOSHIBA-TC581282AXB Datasheet
507Kb / 31P
   128-MBIT (16M X 8 BITS) CMOS NAND E2PROM
TC58FVT641 TOSHIBA-TC58FVT641 Datasheet
593Kb / 53P
   64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
logo
Cypress Semiconductor
CY7C1089DV33 CYPRESS-CY7C1089DV33 Datasheet
424Kb / 11P
   64-Mbit (8M x 8) Static RAM
logo
Toshiba Semiconductor
TC5816BDC TOSHIBA-TC5816BDC Datasheet
1Mb / 36P
   16 MBIT (2M x 8 BITS) CMOS NAND FLASH E2PROM
TC58FVM7B2 TOSHIBA-TC58FVM7B2 Datasheet
649Kb / 68P
   128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com