Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AE616 Datasheet(PDF) 3 Page - RFHIC

Part # AE616
Description  E-pHEMT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE616 Datasheet(HTML) 3 Page - RFHIC

  AE616 Datasheet HTML 1Page - RFHIC AE616 Datasheet HTML 2Page - RFHIC AE616 Datasheet HTML 3Page - RFHIC AE616 Datasheet HTML 4Page - RFHIC AE616 Datasheet HTML 5Page - RFHIC AE616 Datasheet HTML 6Page - RFHIC AE616 Datasheet HTML 7Page - RFHIC AE616 Datasheet HTML 8Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
E
E--p
pH
HE
EM
MT
T
A
AE
E6
61
16
6
Application Circuit : 880~960MHz
L
L3
L=4.7 nH
C
C9
C=1 pF
C
C1
C=3.3 pF
L
L4
L=33 nH
Port
Output
C
C7
C=100 pF
R
R12
R=0 Ohm
C
C10
C=0.1 uF
C
C11
C=1 pF
R
R11
R=3.3 Ohm
L
L2
L=100 nH
L
L1
L=8.2 nH
R
R10
R=51 Ohm
R
R6
R=200 Ohm
Amplifier
AE616
Port
Vdc
Port
Input
R
R3
R=910 Ohm
R
R2
R=300 Ohm
R
R8
R=0 Ohm
R
R4
R=100 Ohm
GSM, TDMA (880~960MHz) Performance Data (Vd=5V, Tc=25℃)
Data
Data
Items
Min
Typ
Max
Remarks
MHz
Items
Min
Typ
Max
Remarks
MHz
Gain
19dB
880~960
NF
2.9dB
3.4dB
880~960
OIP3
35dBm
37dBm
880~960
P1dB
22dBm
24dBm
880~960
S-Parameter vs. Frequency
-20
-15
-10
-5
0
5
10
15
20
860
880
900
920
940
960
980
Freq(MHz)
13
14
15
16
17
18
19
20
21
S11(dB)
S22(dB)
S21(dB)
Noise Figure v s. Frequency
0
1
2
3
4
860
880
900
920
940
960
980
Freq(MHz)
P1dB v s. Frequency
21
22
23
24
25
860
880
900
920
940
960
980
Freq(MHz)
OIP3 vs. Frequency
30
32
34
36
38
40
860
880
900
920
940
960
980
Freq(MHz)
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.4


Similar Part No. - AE616

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE611PYA COILCRAFT-AE611PYA Datasheet
321Kb / 4P
   Outgassing Compliant Power Inductors
AE611PYA102MSZ COILCRAFT-AE611PYA102MSZ Datasheet
321Kb / 4P
   Outgassing Compliant Power Inductors
AE611PYA152MSZ COILCRAFT-AE611PYA152MSZ Datasheet
321Kb / 4P
   Outgassing Compliant Power Inductors
AE611PYA221MSZ COILCRAFT-AE611PYA221MSZ Datasheet
321Kb / 4P
   Outgassing Compliant Power Inductors
AE611PYA222MSZ COILCRAFT-AE611PYA222MSZ Datasheet
321Kb / 4P
   Outgassing Compliant Power Inductors
More results

Similar Description - AE616

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE663 RFHIC-AE663 Datasheet
630Kb / 8P
   E-pHEMT
AE308 RFHIC-AE308 Datasheet
308Kb / 3P
   E-pHEMT
AE608 RFHIC-AE608 Datasheet
447Kb / 8P
   E-pHEMT
logo
Mini-Circuits
TAV2-501 MINI-TAV2-501 Datasheet
651Kb / 6P
   E-PHEMT
REV. OR
logo
RFHIC
AE362 RFHIC-AE362 Datasheet
260Kb / 5P
   E-pHEMT MMIC
AE365 RFHIC-AE365 Datasheet
206Kb / 3P
   E-pHEMT MMIC
AE618 RFHIC-AE618 Datasheet
202Kb / 3P
   E-pHEMT MMIC
AE514 RFHIC-AE514 Datasheet
276Kb / 5P
   E-pHEMT MMIC
AE314 RFHIC-AE314 Datasheet
264Kb / 7P
   E-pHEMT MMIC
logo
Mini-Circuits
TAV1-551 MINI-TAV1-551 Datasheet
253Kb / 5P
   E-PHEMT Transistor
REV. OR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com