Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1644AIDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1644AIDR
Description  High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1644AIDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA1644AIDR Datasheet HTML 5Page - Texas Instruments OPA1644AIDR Datasheet HTML 6Page - Texas Instruments OPA1644AIDR Datasheet HTML 7Page - Texas Instruments OPA1644AIDR Datasheet HTML 8Page - Texas Instruments OPA1644AIDR Datasheet HTML 9Page - Texas Instruments OPA1644AIDR Datasheet HTML 10Page - Texas Instruments OPA1644AIDR Datasheet HTML 11Page - Texas Instruments OPA1644AIDR Datasheet HTML 12Page - Texas Instruments OPA1644AIDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
10
8
6
4
2
0
2
4
6
8
10
-
-
-
-
-
-18
-12
-6
0
6
12
18
Common-ModeVoltage(V)
V = 18V
S
±
+I
B
I
OS
-IB
Common-ModeRange
2.5
2.0
1.5
1.0
0.5
0
-40
-10
20
50
65
5
35
80
95
110 125
Temperature( C)
°
-25
60
50
40
30
20
10
0
-50
-25
0
25
50
75
100
125
Temperature( C)
°
I
SC-SINK
I
SC-SOURCE
V
=Midsupply
(includesself-heating)
OUT
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
0
4
8
12
16
20
24
28
32
36
SupplyVoltage(V)
SpecifiedSupply-VoltageRange
0
10
20
30
40
50
OutputCurrent(mA)
+85 C
°
+25 C
°
-40 C
°
18.0
17.5
17.0
16.5
16.0
-16.0
16.5
17.0
17.5
18.0
-
-
-
-
+125 C
°
10
Frequency(Hz)
100M
100
1k
10k
100k
10M
1M
1k
100
10
1
OPA1641
OPA1642
OPA1644
www.ti.com
SBOS484 – DECEMBER 2009
TYPICAL CHARACTERISTICS: VS = ±18V (continued)
At TA = +25°C, RL = 2kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
IB AND IOS vs COMMON-MODE VOLTAGE
QUIESCENT CURRENT vs TEMPERATURE
Figure 25.
Figure 26.
QUIESCENT CURRENT vs SUPPLY VOLTAGE
SHORT-CIRCUIT CURRENT vs TEMPERATURE
Figure 27.
Figure 28.
OUTPUT VOLTAGE vs OUTPUT CURRENT
OPEN-LOOP OUTPUT IMPEDANCE vs FREQUENCY
Figure 29.
Figure 30.
Copyright © 2009, Texas Instruments Incorporated
9
Product Folder Link(s): OPA1641 OPA1642 OPA1644


Similar Part No. - OPA1644AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1644AIDR TI-OPA1644AIDR Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1644AIDR TI-OPA1644AIDR Datasheet
865Kb / 25P
[Old version datasheet]   High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA1644AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC34080 ONSEMI-MC34080 Datasheet
282Kb / 16P
   HIGH PERFORMANCE JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Texas Instruments
OPA1641 TI1-OPA1641 Datasheet
631Kb / 31P
[Old version datasheet]   Sound Plus High-Performance, JFET-Input Audio Operational Amplifiers
OPA1641_101 TI-OPA1641_101 Datasheet
865Kb / 25P
[Old version datasheet]   High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI-OPA1602_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com