Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1641AID Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1641AID
Description  High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1641AID Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA1641AID Datasheet HTML 6Page - Texas Instruments OPA1641AID Datasheet HTML 7Page - Texas Instruments OPA1641AID Datasheet HTML 8Page - Texas Instruments OPA1641AID Datasheet HTML 9Page - Texas Instruments OPA1641AID Datasheet HTML 10Page - Texas Instruments OPA1641AID Datasheet HTML 11Page - Texas Instruments OPA1641AID Datasheet HTML 12Page - Texas Instruments OPA1641AID Datasheet HTML 13Page - Texas Instruments OPA1641AID Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
100k
1M
SourceResistance,R (W)
S
100
1k
10k
10k
1k
100
10
1
R
S
E
O
E
=e
O
n
n
S
S
+(i R ) +4kTR
2
2
2
ResistorNoise
OPA1611
OPA1641
OPA1641
OPA1642
OPA1644
SBOS484 – DECEMBER 2009
www.ti.com
APPLICATION INFORMATION
The
OPA1641,
OPA1642,
and
OPA1644
are
The equation in Figure 31 shows the calculation of
unity-gain stable, audio operational amplifiers with
the total circuit noise, with these parameters:
very low noise, input bias current, and input offset
en = voltage noise
voltage. Applications with noisy or high-impedance
In = current noise
power supplies require decoupling capacitors placed
RS = source impedance
close to the device pins. In most cases, 0.1
μF
k = Boltzmann's constant = 1.38 × 10–23 J/K
capacitors are adequate. The front-page drawing
shows a simplified schematic of the OPA1641.
T = temperature in degrees Kelvin (K)
For more details on calculating noise, see the next
OPERATING VOLTAGE
section on Basic Noise Calculations.
The OPA1641, OPA1642, and OPA1644 series of op
amps can be used with single or dual supplies from
an operating range of VS = +4.5V (±2.25V) and up to
VS = +36V (±18V). These devices do not require
symmetrical supplies; it only requires a minimum
supply voltage of +4.5V (±2.25V). For VS less than
±3.5V, the common-mode input range does not
include midsupply. Supply voltages higher than +40V
can permanently damage the device; see Absolute
Maximum
Ratings
table.
Key
parameters
are
specified over the operating temperature range, TA =
–40°C to +85°C. Key parameters that vary over the
supply voltage or temperature range are shown in the
Typical Characteristics section of this data sheet.
NOISE PERFORMANCE
Figure 31 shows the total circuit noise for varying
Figure 31. Noise Performance of the OPA1611
source impedances with the operational amplifier in a
and OPA1641 in Unity-Gain Buffer Configuration
unity-gain configuration (with no feedback resistor
network
and
therefore
no
additional
noise
contributions).
The
OPA1641,
OPA1642,
and
BASIC NOISE CALCULATIONS
OPA1644
are
shown
with
total
circuit
noise
Low-noise circuit design requires careful analysis of
calculated. The op amp itself contributes both a
all
noise
sources.
External
noise
sources
can
voltage
noise
component
and
a
current
noise
dominate in many cases; consider the effect of
component. The voltage noise is commonly modeled
source
resistance
on
overall
op
amp
noise
as a time-varying component of the offset voltage.
performance.
Total
noise
of
the
circuit
is
the
The current noise is modeled as the time-varying
root-sum-square
combination
of
all
noise
component of the input bias current and reacts with
components.
the source resistance to create a voltage component
of noise. Therefore, the lowest noise op amp for a
The resistive portion of the source impedance
given application depends on the source impedance.
produces thermal noise proportional to the square
For low source impedance, current noise is negligible,
root of the resistance. This function is plotted in
and
voltage
noise
generally
dominates.
The
Figure 31. The source impedance is usually fixed;
OPA1641, OPA1642, and OPA1644 family has both
consequently, select the op amp and the feedback
low voltage noise and extremely low current noise
resistors to minimize the respective contributions to
because of the FET input of the op amp. As a result,
the total noise.
the current noise contribution of the OPA164x series
is negligible for any practical source impedance,
which makes it the better choice for applications with
high source impedance.
10
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): OPA1641 OPA1642 OPA1644


Similar Part No. - OPA1641AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1641AID TI-OPA1641AID Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641AID TI-OPA1641AID Datasheet
865Kb / 25P
[Old version datasheet]   High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641AIDGKR TI-OPA1641AIDGKR Datasheet
865Kb / 25P
[Old version datasheet]   High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641AIDGKT TI-OPA1641AIDGKT Datasheet
865Kb / 25P
[Old version datasheet]   High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641AIDR TI-OPA1641AIDR Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA1641AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC34080 ONSEMI-MC34080 Datasheet
282Kb / 16P
   HIGH PERFORMANCE JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Texas Instruments
OPA1641 TI1-OPA1641 Datasheet
631Kb / 31P
[Old version datasheet]   Sound Plus High-Performance, JFET-Input Audio Operational Amplifiers
OPA1641_101 TI-OPA1641_101 Datasheet
865Kb / 25P
[Old version datasheet]   High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI-OPA1602_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com