Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8718SPAGR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8718SPAGR
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8718SPAGR Datasheet(HTML) 4 Page - Texas Instruments

  DAC8718SPAGR Datasheet HTML 1Page - Texas Instruments DAC8718SPAGR Datasheet HTML 2Page - Texas Instruments DAC8718SPAGR Datasheet HTML 3Page - Texas Instruments DAC8718SPAGR Datasheet HTML 4Page - Texas Instruments DAC8718SPAGR Datasheet HTML 5Page - Texas Instruments DAC8718SPAGR Datasheet HTML 6Page - Texas Instruments DAC8718SPAGR Datasheet HTML 7Page - Texas Instruments DAC8718SPAGR Datasheet HTML 8Page - Texas Instruments DAC8718SPAGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
DAC8718
SBAS467A – MAY 2009 – REVISED DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS: Dual-Supply (continued)
All specifications at TA = TMIN to TMAX, AVDD = +16.5V, AVSS = –16.5V, IOVDD = DVDD = +5V, REF-A and REF-B = +5V,
gain = 6, AGND-x = DGND = 0V, data format = straight binary, and Offset DAC A and Offset DAC B are at default values
(1),
unless otherwise noted.
DAC8718
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT (VOUT-0 to VOUT-7)
(4)
VREF = +5V
–15
+15
V
Voltage output(5)
VREF = +1.5V
–4.5
+4.5
V
Output impedance
Code = 8000h
0.5
Short-circuit current(6)
±8
mA
Load current
See Figure 37
±3
mA
TA = +25°C, device operating for 500 hours, full-scale output
3.4
ppm of FSR
Output drift vs time
TA = +25°C, device operating for 1000 hours, full-scale output
4.3
ppm of FSR
Capacitive load stability
500
pF
To 0.03% of FSR, CL = 200pF, RL= 10kΩ, code from 0000h
10
μs
to FFFFh and FFFFh to 0000h
To 1 LSB, CL = 200pF, RL = 10kΩ, code from 0000h to
Settling time
15
μs
FFFFh and FFFFh to 0000h
To 1 LSB, CL = 200pF, RL = 10kΩ, code from 7F00h to
6
μs
8100h and 8100h to 7F00h
Slew rate (7)
6
V/
μs
Power-on delay(8)
From IOVDD ≥ +1.8V and DVDD ≥ +2.7V to CS low
200
μs
Power-down recovery time
60
μs
Digital-to-analog glitch(9)
Code from 7FFFh to 8000h and 8000h to 7FFFh
4
nV-s
Glitch impulse peak amplitude
Code from 7FFFh to 8000h and 8000h to 7FFFh
5
mV
Channel-to-channel isolation(10)
VREF = 4VPP, f = 1kHz
88
dB
DACs in the same group
7.5
nV-s
DAC-to-DAC crosstalk(11)
DACs among different groups
1
nV-s
Digital crosstalk(12)
1
nV-s
Digital feedthrough(13)
1
nV-s
TA = +25°C at 10kHz, gain = 6
200
nV/
√Hz
Output noise
TA = +25°C at 10kHz, gain = 4
130
nV/
√Hz
0.1Hz to 10Hz, gain = 6
20
μVPP
Power-supply rejection(14)
AVDD = ±15.5V to ±16.5V
0.05
LSB
(4)
Specified by design.
(5)
The analog output range of VOUT-0 to VOUT-7 is equal to (6 × VREF – 5 × OUTPUT_OFFSET_DAC) for gain = 6. The maximum value of
the analog output must not be greater than (AVDD – 0.5V), and the minimum value must not be less than (AVSS + 0.5V). All
specifications are for a ±16.5V power supply and a ±15V output, unless otherwise noted.
(6)
When the output current is greater than the specification, the current is clamped at the specified maximum value.
(7)
Slew rate is measured from 10% to 90% of the transition when the output changes from 0 to full-scale.
(8)
Power-on delay is defined as the time from when the supply voltages reach the specified conditions to when CS goes low, for valid
digital communication.
(9)
Digital-to-analog glitch is defined as the amount of energy injected into the analog output at the major code transition. It is specified as
the area of the glitch in nV-s. It is measured by toggling the DAC register data between 7FFFh and 8000h in straight binary format.
(10) Channel-to-channel isolation refers to the ratio of the signal amplitude at the output of one DAC channel to the amplitude of the
sinusoidal signal on the reference input of another DAC channel. It is expressed in dB and measured at midscale.
(11) DAC-to-DAC crosstalk is the glitch impulse that appears at the output of one DAC as a result of both the full-scale digital code and
subsequent analog output change at another DAC. It is measured with LDAC tied low and expressed in nV-s.
(12) Digital crosstalk is the glitch impulse transferred to the output of one converter as a result of a full-scale code change in the DAC input
register of another converter. It is measured when the DAC output is not updated, and is expressed in nV-s.
(13) Digital feedthrough is the glitch impulse injected to the output of a DAC as a result of a digital code change in the DAC input register of
the same DAC. It is measured with the full-scale digital code change without updating the DAC output, and is expressed in nV-s.
(14) The output must not be greater than (AVDD – 0.5V) and not less than (AVSS + 0.5V).
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC8718


Similar Part No. - DAC8718SPAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8718SPAGR TI-DAC8718SPAGR Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718SPAGR TI-DAC8718SPAGR Datasheet
1Mb / 62P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8718SPAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8718 TI-DAC8718_10 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718_101 TI-DAC8718_101 Datasheet
1Mb / 62P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI1-DAC8718_14 Datasheet
2Mb / 64P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8218 TI-DAC8218 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 14-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7718 TI1-DAC7718_14 Datasheet
1Mb / 64P
[Old version datasheet]   Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7718 TI-DAC7718 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8218 TI1-DAC8218_14 Datasheet
2Mb / 64P
[Old version datasheet]   Octal, 14-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8728 TI1-DAC8728_14 Datasheet
1Mb / 56P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8728 TI-DAC8728 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com