Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFDR09-51 Datasheet(PDF) 3 Page - RFHIC

Part # RFDR09-51
Description  GSM Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RFDR09-51 Datasheet(HTML) 3 Page - RFHIC

  RFDR09-51 Datasheet HTML 1Page - RFHIC RFDR09-51 Datasheet HTML 2Page - RFHIC RFDR09-51 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
G
GS
SM
M
C
Co
on
nv
ve
er
rtte
er
r ((D
DR
R))
R
RF
FU
UR
R0
09
9--5
50
0 // R
RF
FD
DR
R0
09
9--5
51
1
R
RF
FD
DR
R0
09
9--5
55
5 // R
RF
FU
UR
R0
09
9--5
56
6
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.1
Pacakage Dimensions (Type: HY-5A)
Recommended Pattern
Pin No.
Function
Pin No.
Function
1
2
3
4
5
6
7
Input
Ground
Ground
Vcc+5V
Ground
Ground
Ref in
14
13
12
11
10
9
8
Output
Ground
Lo_Out
Fo/LD
LE
Data
Clock
RFHIC Corporation (RFHIC) reserves the right to make changes to any products herein or to discontinue any product at any time without notice. RFHIC do not
assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including without limitation consequential or
incidental damages. The product specifications herein expressed have been carefully checked and are assumed to be reliable. However, RFHIC disclaims liability for
inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase orders. RFHIC products are not
intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or sells
such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC and its directors, officers, stockholders,
employees, representatives and distributors harmless against any and all claims arising out of such use. RFHIC’s liability under or arising out of damages, claims of
whatsoever kind and nature which RFHIC products could cause shall be limited in amount to the net purchase price of the products sold to buyer by RFHIC
.


Similar Part No. - RFDR09-51

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFDR08-51 RFHIC-RFDR08-51 Datasheet
239Kb / 5P
   Cellular Converter
RFDR08-55 RFHIC-RFDR08-55 Datasheet
239Kb / 5P
   Cellular Converter
More results

Similar Description - RFDR09-51

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PMB2240 SIEMENS-PMB2240 Datasheet
1Mb / 31P
   GSM-Transmitter
logo
Raltron Electronics Cor...
RPA-GS-P-35-IPEX-100-Y RALTRON-RPA-GS-P-35-IPEX-100-Y Datasheet
149Kb / 2P
   GSM ANTENNA
RPA-GS-P-47-UFL-100-A RALTRON-RPA-GS-P-47-UFL-100-A Datasheet
102Kb / 1P
   GSM ANTENNA
logo
Texas Instruments
TRF1020 TI-TRF1020 Datasheet
451Kb / 26P
[Old version datasheet]   GSM RECEIVER
logo
Raltron Electronics Cor...
RDM-MG6-680348-1M-X-001 RALTRON-RDM-MG6-680348-1M-X-001 Datasheet
277Kb / 2P
   GSM ANTENNA
Rev. A
logo
SIPAT Co,Ltd
NE71-02 SIPAT-NE71-02 Datasheet
52Kb / 1P
   GSM Repeater
logo
API Technologies Corp
CMD106 APITECH-CMD106 Datasheet
140Kb / 2P
   GSM Duplexer
logo
EPCOS
B5104 EPCOS-B5104 Datasheet
109Kb / 8P
   GSM 1900
logo
Raltron Electronics Cor...
RST-GS-P-51-SMA-Y RALTRON-RST-GS-P-51-SMA-Y Datasheet
166Kb / 1P
   GSM ANTENNA
logo
Abracon Corporation
APAMS-121 ABRACON-APAMS-121 Datasheet
2Mb / 2P
   External GSM Antenna
06.02.15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com