Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

bq24079TRGTT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # bq24079TRGTT
Description  1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24079TRGTT Datasheet(HTML) 5 Page - Texas Instruments

  bq24079TRGTT Datasheet HTML 1Page - Texas Instruments bq24079TRGTT Datasheet HTML 2Page - Texas Instruments bq24079TRGTT Datasheet HTML 3Page - Texas Instruments bq24079TRGTT Datasheet HTML 4Page - Texas Instruments bq24079TRGTT Datasheet HTML 5Page - Texas Instruments bq24079TRGTT Datasheet HTML 6Page - Texas Instruments bq24079TRGTT Datasheet HTML 7Page - Texas Instruments bq24079TRGTT Datasheet HTML 8Page - Texas Instruments bq24079TRGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
bq24075T
bq24079T
www.ti.com
SLUS937 – DECEMBER 2009
ELECTRICAL CHARACTERISTICS (continued)
Over junction temperature range (0°C < TJ < 125°C) and the recommended supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Deglitch time on pre-charge to fast-charge
tDGL1(LOWV)
25
ms
transition
Deglitch time on fast-charge to pre-charge
tDGL2(LOWV)
25
ms
transition
VBAT(REG) > VBAT > VLOWV, VIN = 5V, CE =
ICHG
Battery fast charge current range
300
1500
mA
LO, EN1= LO, EN2 = HI
CE = LO, EN1= LO, EN2 = HI, VBAT >
VLOWV,
ICHG
Battery fast charge current
KISET/RISET
A
VIN = 5V, IIN-MAX > ICHG, no load on OUT pin,
thermal loop not active, DPM loop not active
KISET
Fast charge current factor
797
890
975
A
Ω
IPRECHG
Pre-charge current
KPRECHG /RISET
A
kPRECHG
Pre-charge current factor
70
88
106
CE = LO, (EN1,EN2)
≠(LO,LO),
VBAT > VRCH, t < tMAXCH, VIN = 5V, DPM loop
0.09×ICHG
0.1×ICHG
0.11×ICHG
not active, thermal loop not active
Charge current value for termination detection
ITERM
threshold
CE = LO, (EN1,EN2)=(LO,LO),
.033×ICH
VBAT > VRCH, t < tMAXCH, VIN = 5V, DPM loop
0.027×ICHG
0.040×ICHG
G
not active, thermal loop not active
tDGL(TERM)
Deglitch time, termination detected
25
ms
VO(REG)
VO(REG)
VO(REG)
VRCH
Recharge detection threshold
V
–140mV
–100mV
–60mV
tDGL(RCH)
Deglitch time, recharge threshold detected
62.5
ms
VBAT = 3.6V. Time measured from VIN:
tDGL(NO-IN)
Delay time, input power loss to charger turn-off
20
ms
5V
→ 3.3V 1μs fall-time
IBAT(DET)
Sink current for battery detection
5
7.5
10
mA
tDET
Battery detection timer
250
ms
BATTERY CHARGING TIMERS
tPRECHG
Pre-charge safety timer value
TMR = floating
1440
1800
2160
s
tMAXCH
Charge safety timer value
TMR = floating
14400
18000
21600
s
tPRECHG
Pre-charge safety timer value(externally set)
18k
Ω < RTMR < 72kΩ
RTMR x KTMR
s
tMAXCH
Charge safety timer value (externally set)
18k
Ω < RTMR < 72kΩ
10 x RTMR x KTMR
s
KTMR
Timer factor
35
45
55
s / k
BATTERY – PACK NTC MONITOR
% of
VHOT
High temperature trip point
Battery charging
12
12.5
13
VIN
% of
VHYS(HOT)
Hysteresis on high trip point
Battery charging
1
VIN
% of
VCOLD
Low temperature trip point
Battery charging
24.5
25
25.5
VIN
% of
VHYS(COLD)
Hysteresis on low trip point
Battery charging
1
VIN
tDGL(TS)
Deglitch time, pack temperature fault detection
Battery charging
50
ms
THERMAL REGULATION
TJ(REG)
Temperature Regulation Limit
125
°C
TJ(OFF)
Thermal shutdown temperature
155
°C
TJ(OFF-HYS)
Thermal shutdown hysteresis
20
°C
LOGIC LEVELS ON EN1, EN2, CE, SYSOFF, TD
VIL
Logic LOW input voltage
0
0.4
V
VIH
Logic HIGH input voltage
1.4
6.0
V
IIL
1
μA
IIH
10
μA
LOGIC LEVELS ON PGOOD, CHG
VOL
Output LOW voltage
ISINK = 5 mA
0.4
V
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq24075T bq24079T


Similar Part No. - bq24079TRGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24079TRGTT TI-bq24079TRGTT Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24079TRGTT TI-BQ24079TRGTT Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24079TRGTT TI-BQ24079TRGTT Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
More results

Similar Description - bq24079TRGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072T TI-BQ24072T_2 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072_10 Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24079 TI-BQ24079 Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com