Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC3282IRGZR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282IRGZR
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282IRGZR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC3282IRGZR Datasheet HTML 4Page - Texas Instruments DAC3282IRGZR Datasheet HTML 5Page - Texas Instruments DAC3282IRGZR Datasheet HTML 6Page - Texas Instruments DAC3282IRGZR Datasheet HTML 7Page - Texas Instruments DAC3282IRGZR Datasheet HTML 8Page - Texas Instruments DAC3282IRGZR Datasheet HTML 9Page - Texas Instruments DAC3282IRGZR Datasheet HTML 10Page - Texas Instruments DAC3282IRGZR Datasheet HTML 11Page - Texas Instruments DAC3282IRGZR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
DAC3282
SLAS646 – DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS – AC SPECIFICATIONS
over recommended operating free-air temperature range, nominal supplies, IOUTFS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT (1)
1x Interpolation
312.5
fDAC
Maximum output update rate
MSPS
2x Interpolation
625
ts(DAC)
Output settling time to 0.1%
Transition: Code 0x0000 to 0xFFFF
10.4
ns
DAC outputs are updated on the falling edge of DAC clock.
tpd
Output propagation delay
2
ns
Does not include Digital Latency (see below).
tr(IOUT)
Output rise time 10% to 90%
220
ps
tf(IOUT)
Output fall time 90% to 10%
220
PS
IOUT current settling to 1% of IOUTFS. Measured from SDENB
DAC Wake-up Time
90
μs
rising edge; Register CONFIG24, toggle sleepa from 1 to 0
Power-up
IOUT current settling to less than 1% of IOUTFS. Measured from
time
DAC Sleep Time
SDENB rising edge; Register CONFIG24, toggle sleepa from 0
90
μs
to 1.
No interpolation, FIFO off, Offset off, Inverse sinc off
38
2x Interpolation
59
DAC clock
Digital Latency
Zero-IF Sinc Correction Filter
16
cycles
FIFO
8
Offset
4
AC PERFORMANCE(2)
fDAC = 625 MSPS, fOUT = 10.1 MHz 2x Interp, DAC A+B on
83
Spurious Free Dynamic Range SFDR
SFDR
fDAC = 625 MSPS, fOUT = 20.1 MHz 2x Interp, DAC A+B on
78
dBc
(0 to fDAC/2) Tone at 0 dBFS
fDAC = 625 MSPS, fOUT = 70.1 MHz 2x Interp, DAC A+B on
64
fDAC = 625 MSPS, fOUT = 30 ± 0.5 MHz 2x Interp, DAC A+B on
82
Third-order two-tone intermodulation
fDAC = 625 MSPS, fOUT = 50 ± 0.5 MHz 2x Interp, DAC A+B on
80
IMD3
dBc
distortion Each tone at –6 dBFS
fDAC = 625 MSPS, fOUT = 150 ± 0.5 MHz 2x Interp, DAC A+B
69
on,
fDAC = 625 MSPS, fOUT = 10.1 MHz 2x Interp, DAC A+B on
161
Noise Spectral Density Single Tone at
NSD
dBc/Hz
0 dBm
fDAC = 625 MSPS, fOUT = 150.1 MHz 2x Interp, DAC A+B on
150
fDAC = 491.52 MSPS, fOUT= 30.72 MHz 2x Interp, DAC A+B on
81
Adjacent Channel Leakage Ratio,
dBc
Single Carrier
fDAC = 491.52 MSPS, fOUT = 153.6 MHz 2x Interp, DAC A+B on
76
WCDMA(3)
fDAC = 491.52 MSPS, fOUT = 30.72 MHz 2x Interp, DAC A+B on
84
dBc
Alternate Channel Leakage Ratio,
Single Carrier
fDAC = 491.52 MSPS, fOUT = 153.6 MHz 2x Interp, DAC A+B on
77
dBc
Channel Isolation
fDAC = 625 MSPS, fOUT = 10 MHz
84
dBc
(1)
Measured single ended into 50
Ω load.
(2)
4:1 transformer output termination, 50
Ω doubly terminated load.
(3)
Single carrier, W-CDMA with 3.84 MHz BW, 5-MHz spacing, centered at IF, PAR = 12dB. TESTMODEL 1, 10 ms
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC3282


Similar Part No. - DAC3282IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3282IRGZR TI-DAC3282IRGZR Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282IRGZR TI-DAC3282IRGZR Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results

Similar Description - DAC3282IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_15 Datasheet
1Mb / 65P
[Old version datasheet]   DAC3282 16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689_15 Datasheet
1Mb / 50P
[Old version datasheet]   16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI1-DAC5688_14 Datasheet
1Mb / 57P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_15 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com