Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC3282IRGZT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282IRGZT
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282IRGZT Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC3282IRGZT Datasheet HTML 3Page - Texas Instruments DAC3282IRGZT Datasheet HTML 4Page - Texas Instruments DAC3282IRGZT Datasheet HTML 5Page - Texas Instruments DAC3282IRGZT Datasheet HTML 6Page - Texas Instruments DAC3282IRGZT Datasheet HTML 7Page - Texas Instruments DAC3282IRGZT Datasheet HTML 8Page - Texas Instruments DAC3282IRGZT Datasheet HTML 9Page - Texas Instruments DAC3282IRGZT Datasheet HTML 10Page - Texas Instruments DAC3282IRGZT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
DAC3282
www.ti.com
SLAS646 – DECEMBER 2009
ELECTRICAL CHARACTERISTICS – DC SPECIFICATIONS
(1)
(continued)
over recommended operating free-air temperature range, nominal supplies, IOUTFS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
AVDD33
3.0
3.3
3.6
V
DACVDD18, DIGVDD18, CLKVDD18
1.7
1.8
1.9
V
I(AVDD33)
Analog supply current
96
mA
I(DIGVDD18)
Digital supply current
268
mA
Mode 1(below)
I(DACVDD18)
DAC supply current
74
mA
I(CLKVDD18)
Clock supply current
10
mA
Power down mode analog supply
I(AVDD33)
2
mA
current
Power down mode digital supply
I(DIGVDD18)
3
mA
current
Mode 4 (below)
Power down mode DAC supply
I(DACVDD18)
0.5
mA
current
Power down mode clock supply
I(CLKVDD18)
1
mA
current
Mode 1: fDAC = 625MSPS, 2x interpolation, mixer on,
950
1100
mW
Digital Offset Control on
Mode 2: fDAC = 491.52MSPS, 2x interpolation, Zero-IF
845
mW
Correction Filter on, mixer off, Digital Offset Control on
Mode 3: Sleep Mode, fDAC = 625MSPS, 2X interpolation,
mixer on,
P
Power Dissipation
575
mW
DAC in sleep mode:
CONFIG24 sleepa, sleepb set to 1
Mode 4: Power-Down mode, No clock, static data pattern,
DAC in power-down mode:
15
mW
CONFIG23 clkpath_sleep_a, clkpath_sleepb set to 1
CONFIG24 clkrecv_sleep, sleepa, sleepb set to 1
PSRR
Power Supply Rejection Ratio
DC tested
–0.4
0.4
%/FSR/V
T
Operating Range
–40
25
85
°C
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC3282


Similar Part No. - DAC3282IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3282IRGZT TI-DAC3282IRGZT Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282IRGZT TI-DAC3282IRGZT Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results

Similar Description - DAC3282IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_15 Datasheet
1Mb / 65P
[Old version datasheet]   DAC3282 16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689_15 Datasheet
1Mb / 50P
[Old version datasheet]   16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI1-DAC5688_14 Datasheet
1Mb / 57P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_15 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com