Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24610 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24610
Description  Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24610 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24610 Datasheet HTML 5Page - Texas Instruments BQ24610 Datasheet HTML 6Page - Texas Instruments BQ24610 Datasheet HTML 7Page - Texas Instruments BQ24610 Datasheet HTML 8Page - Texas Instruments BQ24610 Datasheet HTML 9Page - Texas Instruments BQ24610 Datasheet HTML 10Page - Texas Instruments BQ24610 Datasheet HTML 11Page - Texas Instruments BQ24610 Datasheet HTML 12Page - Texas Instruments BQ24610 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
VCC
/PG
VREF
REGN
t − Time=4ms/div
t − Time=200ms/div
PH
LODRV
IBAT
CE
t − Time=4ms/div
CE
PH
LODRV
IBAT
t − Time=2
s/div
CE
PH
LODRV
IL
bq24610
bq24617
www.ti.com
SLUS892 – DECEMBER 2009
TYPICAL CHARACTERISTICS
Table 1. Table of Graphs
Figure
REF REGN and PG Power Up (CE=1)
Figure 2
Charge Enable
Figure 3
Current Soft-Start (CE=1)
Figure 4
Charge Disable
Figure 5
Continuous Conduction Mode Switching Waveforms
Figure 6
Cycle-by-Cycle Synchronous to Nonsynchronous
Figure 7
100% Duty and Refresh Pulse
Figure 8
Transient System Load (DPM)
Figure 9
Battery Insertion
Figure 10
Battery to Ground Short Protection
Figure 11
Battery to ground Short Transition
Figure 12
Efficiency vs Output Current
Figure 13
Figure 2. REF REGN and PG Power Up (CE=1)
Figure 3. Charge Enable
Figure 4. Current Soft-Start (CE=1)
Figure 5. Charge Disable
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq24610 bq24617


Similar Part No. - BQ24610

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24610 TI-bq24610 Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
bq24610RGER TI-bq24610RGER Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610RGER TI-BQ24610RGER Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
bq24610RGET TI-bq24610RGET Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
More results

Similar Description - BQ24610

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24610 TI-BQ24610_2 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610_1002 TI-BQ24610_1002 Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24616 TI-BQ24616 Datasheet
1Mb / 34P
[Old version datasheet]   JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24616 TI-BQ24616_1 Datasheet
1Mb / 36P
[Old version datasheet]   JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
[Old version datasheet]   Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24133 TI1-BQ24133 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger with Integrated MOSFETs and Power Path Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com