Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

bq3060PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # bq3060PW
Description  SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION with CEDV
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq3060PW Datasheet(HTML) 3 Page - Texas Instruments

  bq3060PW Datasheet HTML 1Page - Texas Instruments bq3060PW Datasheet HTML 2Page - Texas Instruments bq3060PW Datasheet HTML 3Page - Texas Instruments bq3060PW Datasheet HTML 4Page - Texas Instruments bq3060PW Datasheet HTML 5Page - Texas Instruments bq3060PW Datasheet HTML 6Page - Texas Instruments bq3060PW Datasheet HTML 7Page - Texas Instruments bq3060PW Datasheet HTML 8Page - Texas Instruments bq3060PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
bq3060
www.ti.com
SLUS928A – MARCH 2009 – REVISED NOVEMBER 2009
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
PACK
25
Supply voltage
V
BAT
3.8
VVC2+5
VSTARTUP
Start up voltage at PACK
5.2
5.5
V
Vshutdown
VPACK or VBAT, whichever is higher
3
3.2
3.3
V
VC1, BAT
VVC2
VVC2+5
V
VC2
VVC3
VVC3+5
VC3
VVC4
VVC4+5
VIN
Input voltage range
VC4
VSRP
VSRP+5
VCn – VC(n+1), (n=1, 2, 3, 4 )
0
5
PACK
25
SRP to SRN
–0.3
1
V
CREG27
External 2.7V REG capacitor
1
μF
TOPR
Operating temperature
–40
85
°C
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq3060


Similar Part No. - bq3060PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3050 TI-BQ3050 Datasheet
735Kb / 28P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3050DBT TI-BQ3050DBT Datasheet
735Kb / 28P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3050DBTR TI-BQ3050DBTR Datasheet
735Kb / 28P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI-BQ3055 Datasheet
632Kb / 23P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI1-BQ3055 Datasheet
914Kb / 27P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results

Similar Description - bq3060PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z655DBTR-R1 TI-BQ20Z655DBTR-R1 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION
BQ34Z651 TI1-BQ34Z651_15 Datasheet
888Kb / 29P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge
BQ20Z95 TI1-BQ20Z95_14 Datasheet
603Kb / 21P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE
BQ20Z75 TI1-BQ20Z75_14 Datasheet
721Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com