Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ3060 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ3060
Description  SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION with CEDV
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3060 Datasheet(HTML) 4 Page - Texas Instruments

  BQ3060 Datasheet HTML 1Page - Texas Instruments BQ3060 Datasheet HTML 2Page - Texas Instruments BQ3060 Datasheet HTML 3Page - Texas Instruments BQ3060 Datasheet HTML 4Page - Texas Instruments BQ3060 Datasheet HTML 5Page - Texas Instruments BQ3060 Datasheet HTML 6Page - Texas Instruments BQ3060 Datasheet HTML 7Page - Texas Instruments BQ3060 Datasheet HTML 8Page - Texas Instruments BQ3060 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
1
2
3
DSG
4
BAT
5
6
VC2
7
VC3
8
VC4
9
10
SRP
CHG
PACK
ZVCHG
24
FUSE
23
REG27
22
VSS
21
VC1
11
SRN
12
TS1
TS2
NC
RBI
20
19
PRES
18
SMBC
17
NC
16
SMBD
15
14
13
NC
NC
bq3060
SLUS928A – MARCH 2009 – REVISED NOVEMBER 2009
www.ti.com
PIN DETAILS
TSSOP (PW)
(TOP VIEW)
Table 2. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
BAT
1
P
Power input from battery
DSG
2
O
P-CH FET Drive controlling discharge
Sense voltage input terminal and external cell balancing drive output for most positive cell, and
VC1
3
IA
battery stack measurement input.
Sense voltage input terminal and external cell balancing drive output for second most positive
VC2
4
IA
cell.
VC3
5
IA
Sense voltage input terminal and external cell balancing drive output for third most positive cell.
VC4
6
IA
Sense voltage input terminal and external cell balancing drive output for least positive cell.
Analog input pin connected to the internal coulomb-counter peripheral for integrating a small
SRP
7
IA
voltage between SRP and SRN where SRP is the top of the sense resistor.
Analog input pin connected to the internal coulomb-counter peripheral for integrating a small
SRN
8
IA
voltage between SRP and SRN where SRN is the bottom of the sense resistor.
TS1
9
I/O,IA
Thermistor input TS1
TS2
10
I/O,IA
Thermistor input TS2
NC
11
-
Keep this pin floating
NC
12
-
Keep this pin floating
NC
13
-
Keep this pin floating
SMBD
14
I/OD
SMBus data pin
NC
15
-
Keep this pin floating
SMBC
16
I/OD
SMBus clock pin
PRES
17
I/OD
Active low input to sense system insertion and typically requires additional ESD protection
RAM backup pin to provide backup potential to the internal DATA RAM if power is momentarily
RBI
18
P
lost by using a capacitor attached between RBI and VSS
VSS
19
P
Device ground
REG27
20
P
Internal power supply 2.7V bias output
FUSE
21
I/OD
Push-pull fuse drive and secondary protector activation input sensing
ZVCHG
22
O
P-CH precharge FET Drive controlling pre-charge and zero-volt charge
CHG
23
O
P-CH FET Drive controlling charge
PACK
24
P
PACK positive terminal and alternative power source
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): bq3060


Similar Part No. - BQ3060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3050 TI-BQ3050 Datasheet
735Kb / 28P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3050DBT TI-BQ3050DBT Datasheet
735Kb / 28P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3050DBTR TI-BQ3050DBTR Datasheet
735Kb / 28P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI-BQ3055 Datasheet
632Kb / 23P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI1-BQ3055 Datasheet
914Kb / 27P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results

Similar Description - BQ3060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z655DBTR-R1 TI-BQ20Z655DBTR-R1 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION
BQ34Z651 TI1-BQ34Z651_15 Datasheet
888Kb / 29P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge
BQ20Z95 TI1-BQ20Z95_14 Datasheet
603Kb / 21P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE
BQ20Z75 TI1-BQ20Z75_14 Datasheet
721Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com