Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX9270RI-TRG Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APX9270RI-TRG
Description  Direct PWM Variable Speed Fan Motor Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9270RI-TRG Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APX9270RI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APX9270RI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APX9270RI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APX9270RI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APX9270RI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APX9270RI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APX9270RI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APX9270RI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APX9270RI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2008
APX9270
www.anpec.com.tw
9
Typical Application Circuits (Cont.)
2. Without external current limiter
Note 3: In hot plug application, it’s necessary to protect against a hot plug input voltage overshoot. Placing a
resistor (R1) in series with a capacitor (C1 or C
M) dampens the overshoot.
VCC
VM
IN+
IN-
PWM
6VREG
OSCH
OSCL
HB
MIN
SET
OSC
CT
SGND
PGND
OUT2
OUT1
FG
PWM input
V
IN
H
M
Pull High
Voltage
R
FG=10KΩ
R1=2
C1=4.7
µF/25V
C
CT=0.47 to 1µF
Thermistor
C
OSC=100pF
R2
R3
R5
R6
R7
I
IN
R4


Similar Part No. - APX9270RI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9275 ANPEC-APX9275 Datasheet
245Kb / 16P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9275A ANPEC-APX9275A Datasheet
245Kb / 16P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9275AXI-TRG ANPEC-APX9275AXI-TRG Datasheet
245Kb / 16P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9275KI-TRG ANPEC-APX9275KI-TRG Datasheet
245Kb / 16P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9275XI-TRG ANPEC-APX9275XI-TRG Datasheet
245Kb / 16P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
More results

Similar Description - APX9270RI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9291 ANPEC-APX9291 Datasheet
209Kb / 14P
   Direct PWM Variable Speed Fan Motor Driver
APX9262P ANPEC-APX9262P Datasheet
194Kb / 15P
   Direct PWM Variable Speed Fan Motor Driver
APX6861 ANPEC-APX6861 Datasheet
156Kb / 14P
   Direct PWM Variable Speed Fan Motor Driver
logo
Sanyo Semicon Device
LB1860 SANYO-LB1860 Datasheet
79Kb / 6P
   Variable Speed Fan Motor Driver
LB1965M SANYO-LB1965M Datasheet
61Kb / 6P
   Two-Phase Unipolar Driver for Variable-Speed Fan Motor
logo
ON Semiconductor
LB1860 ONSEMI-LB1860 Datasheet
138Kb / 8P
   Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
logo
Eutech Microelectronics...
EUM6861 EUTECH-EUM6861 Datasheet
103Kb / 1P
   18V PWM Fan Motor Driver
EUM6189A EUTECH-EUM6189A Datasheet
65Kb / 1P
   700mA PWM Fan Motor Driver
EUM6861 EUTECH-EUM6861_12 Datasheet
182Kb / 2P
   18V PWM Fan Motor Driver
EUM6862 EUTECH-EUM6862 Datasheet
273Kb / 2P
   24V PWM Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com