Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX9267 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APX9267
Description  Single-Phase Full-Wave Motor Driver for Silent Fan Motor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9267 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APX9267 Datasheet HTML 2Page - Anpec Electronics Coropration APX9267 Datasheet HTML 3Page - Anpec Electronics Coropration APX9267 Datasheet HTML 4Page - Anpec Electronics Coropration APX9267 Datasheet HTML 5Page - Anpec Electronics Coropration APX9267 Datasheet HTML 6Page - Anpec Electronics Coropration APX9267 Datasheet HTML 7Page - Anpec Electronics Coropration APX9267 Datasheet HTML 8Page - Anpec Electronics Coropration APX9267 Datasheet HTML 9Page - Anpec Electronics Coropration APX9267 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Mar., 2008
APX9267
www.anpec.com.tw
6
Typical Application Circuit
Note 2: In hot plug application, it’s necessary to protect against a hot plug input voltage overshoot. Add an input zener diode, between
the VCC and GND, to clamp the overshoot. In normal operation diode, the zener diode isn’t stressed because output current
doesn’t reverse to VCC.
Function Description
Lockup Protection and Automatic Restart
This IC detects the rotation of the motor by hall signal,
and adjusts lock detection ON time (T
ON) and lock detec-
tion OFF time (T
OFF) by internal counter. These times
(T
ON, TOFF) are showed below.
Lock
OUT1
FG
Release
T
OFF
T
ON
OUT2
IN+
IN-
Lock
Detection
Reset
T
OFF
Figure 1. Lock Protection and Automatic Protection Wave-
form
Quick Start and Standby mode
This IC would enter standby mode when the PWM input
keeps low level for more than 66.5ms (typ.). In standby
mode, it will shutdown amplifier and FG. Thus, the supply
current is around 150
µA. In standby mode, the lock pro-
tection function doesn’t work, therefore, starting fan is
unobstructed when releasing standby mode.
66.5ms
(typ.)
disable
enable
enable
PWM
Lock
protect
enable (internal)
Figure 2. Quick Start Waveform
Frequency Generator Function
The FG pin is an open collector output, connecting a pull
up resistor to a high level voltage for the frequency gen-
OUT2
GND
1
2
3
4
5
6
7
8
VCC
IN+
IN-
FG
PWM
OUT1
Hall
PWM
control signal
10k
R
FG
6V
C1
D1
Zener
D2
Pull High
Voltage
V
IN
FG Output


Similar Part No. - APX9267

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9262P ANPEC-APX9262P Datasheet
194Kb / 15P
   Direct PWM Variable Speed Fan Motor Driver
APX9262PNI-TRG ANPEC-APX9262PNI-TRG Datasheet
194Kb / 15P
   Direct PWM Variable Speed Fan Motor Driver
APX9266 ANPEC-APX9266 Datasheet
291Kb / 14P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9266XI-TRG ANPEC-APX9266XI-TRG Datasheet
291Kb / 14P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9266XI-TRL ANPEC-APX9266XI-TRL Datasheet
291Kb / 14P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
More results

Similar Description - APX9267

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9275 ANPEC-APX9275 Datasheet
245Kb / 16P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9277 ANPEC-APX9277 Datasheet
214Kb / 15P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9266 ANPEC-APX9266 Datasheet
291Kb / 14P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
logo
Diodes Incorporated
AM9789 DIODES-AM9789 Datasheet
622Kb / 18P
   Single Phase Full-wave Motor Driver for Silent Fan Motor
logo
Anpec Electronics Corop...
APX9275A ANPEC-APX9275A Datasheet
245Kb / 16P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9258 ANPEC-APX9258 Datasheet
947Kb / 18P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9268 ANPEC-APX9268 Datasheet
245Kb / 13P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9268A ANPEC-APX9268A Datasheet
1Mb / 14P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
logo
Rohm
BH6789FVM ROHM-BH6789FVM Datasheet
222Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BA6908F ROHM-BA6908F_1 Datasheet
232Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com