Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX9131ATI-PBG Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APX9131ATI-PBG
Description  Hall Effect Micro Switch IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9131ATI-PBG Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APX9131ATI-PBG Datasheet HTML 1Page - Anpec Electronics Coropration APX9131ATI-PBG Datasheet HTML 2Page - Anpec Electronics Coropration APX9131ATI-PBG Datasheet HTML 3Page - Anpec Electronics Coropration APX9131ATI-PBG Datasheet HTML 4Page - Anpec Electronics Coropration APX9131ATI-PBG Datasheet HTML 5Page - Anpec Electronics Coropration APX9131ATI-PBG Datasheet HTML 6Page - Anpec Electronics Coropration APX9131ATI-PBG Datasheet HTML 7Page - Anpec Electronics Coropration APX9131ATI-PBG Datasheet HTML 8Page - Anpec Electronics Coropration APX9131ATI-PBG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.12 - Aug., 2009
APX9131
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Hall Effect Micro Switch IC
Features
General Description
Pin Configuration
Micro Power Operation for Battery Applications
Chopper Stabilized Amplifier
Independent of North or South Pole Magnet,
Easy for Manufacture
Small Size Package
Lead Free and Green Devices Available
(RoHS Compliant)
Applications
Micro Switch
Handheld Wireless Application Wake Up Switch
Clamp Shell Type Application Switch
Magnet Switch in Low Duty Cycle Applications
SOT-23-3
TSOT-23-3
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Ordering and Marking Information
The APX9131, integrated circuit, is an ultra-sensitive, pole
independent Hall-effect switch with a latched digital output.
A 2.5 volt to 3.5 volt operation and an unique clocking
s c h e m e r e d u c e t h e a v e r a g e o p e r a t i n g p o we r
requirements, either a north or south pole of sufficient
flux will turn the output on; in the absence of a magnetic
field, the output is off. The polarity independence and
minimal power requirement allow this device to be easily
replaced reed switch for superior for signal conditioning.
Advanced CMOS processing is used to take advantage of
low-voltage and low-power requirements, SOT-23-3,
TSOT-23-3, and TO-92M3 packages provided an optimized
package for most applications.
VOUT
APX9131
VDD
GND
TO-92M3 Front View
1 : VDD
2
3
2 : GND
1
3 : VOUT
APX9131
Handling Code
Temperature Range
Package Code
Package Code
A : SOT-23-3
AT : TSOT-23-3
E : TO-92M3
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
PB : Plastic Bag
Assembly Material
G : Halogen and Lead Free Device
Assembly Material
APX9131 A/AT:
X31X
X - Date Code
APX9131 E:
APX9131
XXXXX
XXXXX - Date Code


Similar Part No. - APX9131ATI-PBG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9131ATI-TR ANPEC-APX9131ATI-TR Datasheet
222Kb / 14P
   Hall Effect Micro Switch IC
APX9131ATI-TRL ANPEC-APX9131ATI-TRL Datasheet
222Kb / 14P
   Hall Effect Micro Switch IC
More results

Similar Description - APX9131ATI-PBG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH8105 UTC-UH8105 Datasheet
124Kb / 5P
   Hall Effect Micro Switch IC
logo
Anpec Electronics Corop...
APX9132G ANPEC-APX9132G Datasheet
209Kb / 14P
   Hall Effect Micro Switch IC
APX9132A ANPEC-APX9132A Datasheet
208Kb / 14P
   Hall Effect Micro Switch IC
APX8132A ANPEC-APX8132A Datasheet
164Kb / 13P
   Hall Effect Micro Switch IC
APX8131H ANPEC-APX8131H Datasheet
185Kb / 12P
   Hall Effect Micro Switch IC
logo
Unisonic Technologies
UH8105 UTC-UH8105_15 Datasheet
127Kb / 5P
   Hall Effect Micro Switch IC
logo
Anpec Electronics Corop...
APX9136 ANPEC-APX9136 Datasheet
198Kb / 12P
   Hall Effect Micro Switch IC
APX8131 ANPEC-APX8131 Datasheet
185Kb / 12P
   Hall Effect Micro Switch IC
APX9132 ANPEC-APX9132 Datasheet
177Kb / 11P
   Hall Effect Micro Switch IC
logo
Unisonic Technologies
UH8103 UTC-UH8103_15 Datasheet
195Kb / 4P
   Hall Effect Micro Switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com