Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7207CTI-TRG Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7207CTI-TRG
Description  1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7207CTI-TRG Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7207CTI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APW7207CTI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APW7207CTI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7207CTI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7207CTI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7207CTI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7207CTI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7207CTI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7207CTI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Dec., 2009
APW7207
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
The APW7207 is a current-mode and fixed frequency
boost converter with an integrated N-FET to drive up to 6
white LEDs in series.
Features
Wide Input Voltage from 2.5V to 6V
0.2V Reference Voltage
Fixed 1MHz Switching Frequency
High Efficiency up to 88%
100Hz to 100kHz PWM Brightness Control Fre-
quency
Open-LED Protection
Under-Voltage Lockout Protection
Over-Temperature Protection
<1
µA Quiescent Current During Shutdown
TSOT-23-6A Packages
Lead Free and Green Devices Available
(RoHS Compliant)
Applications
General Description
White LED Display Backlighting
Cell Phone and Smart Phone
PDA, PMP, and MP3
Digital Camera
Simplified Application Circuit
Pin Configuration
The series connection allows the LED current to be iden-
tical for uniform brightness. Its low on-resistance of N-
FET and feedback voltage reduces power loss and
achieves high efficiency. Fast 1MHz current-mode PWM
operation is available for input and output capacitors and
a small inductor while minimizing ripple on the input
supply. The OVP pin monitors the output voltage and stops
switching if exceeds the over-voltage threshold. An inter-
nal soft-start circuit eliminates the inrush current during
start-up.
The APW7207 also integrates under-voltage lockout,
over-temperature protection, and current limit circuits.
The APW7207 is available in TSOT-23-6A packages.
GND
VIN
V
OUT
EN
LX
FB
OVP
4
6
5
3
2
1
L1
22
µH
C2
1
µF
C1
2.2
µF
R1
10
V
IN
Up to 6
WLEDs
OFF ON
4 EN
6 VIN
GND 2
5 OVP
FB 3
LX 1
TSOT-23-6A
(Top View)


Similar Part No. - APW7207CTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7207CTI-TRG ANPEC-APW7207CTI-TRG Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
More results

Similar Description - APW7207CTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7208 ANPEC-APW7208 Datasheet
341Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7136A ANPEC-APW7136A Datasheet
423Kb / 15P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
APW7136A ANPEC-APW7136A_10 Datasheet
359Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
logo
TECHCODE SEMICONDUCTOR,...
TD8202 TECHCODE-TD8202 Datasheet
989Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
logo
Anpec Electronics Corop...
APW7209 ANPEC-APW7209 Datasheet
377Kb / 14P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
APW7209 ANPEC-APW7209_13 Datasheet
375Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
logo
AMETHERM Circuit Protec...
AME5144 AMETHERM-AME5144 Datasheet
137Kb / 15P
   High Efficiency, 37V Step-Up Converter for 2 to 10 White LEDs
logo
Maxim Integrated Produc...
MAX1553 MAXIM-MAX1553 Datasheet
347Kb / 11P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
19-2875; Rev 0; 6/03
MAX1553 MAXIM-MAX1553_15 Datasheet
225Kb / 10P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
Rev 2; 5/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com