Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62102616UV Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY62102616UV
Description  1024K X 16 BIT LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62102616UV Datasheet(HTML) 2 Page - Lyontek Inc.

  LY62102616UV Datasheet HTML 1Page - Lyontek Inc. LY62102616UV Datasheet HTML 2Page - Lyontek Inc. LY62102616UV Datasheet HTML 3Page - Lyontek Inc. LY62102616UV Datasheet HTML 4Page - Lyontek Inc. LY62102616UV Datasheet HTML 5Page - Lyontek Inc. LY62102616UV Datasheet HTML 6Page - Lyontek Inc. LY62102616UV Datasheet HTML 7Page - Lyontek Inc. LY62102616UV Datasheet HTML 8Page - Lyontek Inc. LY62102616UV Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LY62102616
Rev. 0.3
1024K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 55/70ns
Low power consumption:
Operating current : 45/30mA (TYP.)
Standby current : 10
μA (TYP.) LL-version
Single 4.5V ~ 5.5V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data byte control :
(i) BYTE# fixed to VCC
LB# controlled DQ0 ~ DQ7
UB# controlled DQ8 ~ DQ15
(ii) BYTE# fixed to VSS
DQ15 used as address pin, while LB#,
UB# and DQ8~DQ14 pins not used
Data retention voltage : 1.5V (MIN.)
Green package available
Package : 48-pin 12mm x 20mm TSOP-I
GENERAL DESCRIPTION
The LY62102616 is a 16,777,216-bit low power
CMOS static random access memory organized as
1,048,576 words by 16 bits or 2,097,152 words by 8
bits. It is fabricated using very high performance,
high reliability CMOS technology. Its standby current
is stable within the range of operating temperature.
The LY62102616 is well designed for low power
application, and particularly well suited for battery
back-up nonvolatile memory application.
The LY62102616 operates from a single power
supply of 4.5V ~ 5.5V and all inputs and outputs are
fully TTL compatible
PRODUCT FAMILY
Power Dissipation
Product
Family
Operating
Temperature
Vcc Range
Speed
Standby(ISB1,TYP.)
Operating(Icc,TYP.)
LY62102616
0 ~ 70℃
4.5 ~ 5.5V
55/70ns
10µA(LL)
45/30mA
LY62102616(E)
-20 ~ 80℃
4.5 ~ 5.5V
55/70ns
10µA(LL)
45/30mA
LY62102616(I)
-40 ~ 85℃
4.5 ~ 5.5V
55/70ns
10µA(LL)
45/30mA


Similar Part No. - LY62102616UV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62102616LL-55LL LYONTEK-LY62102616LL-55LL Datasheet
205Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62102616LL-55LLI LYONTEK-LY62102616LL-55LLI Datasheet
205Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62102616LL-55LLIT LYONTEK-LY62102616LL-55LLIT Datasheet
205Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62102616LL-55LLT LYONTEK-LY62102616LL-55LLT Datasheet
205Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62102616LL-70LL LYONTEK-LY62102616LL-70LL Datasheet
205Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62102616UV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62102516 LYONTEK-LY62102516 Datasheet
195Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102616 LYONTEK-LY62L102616_13 Datasheet
169Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102516 LYONTEK-LY62L102516_16 Datasheet
470Kb / 14P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102516 LYONTEK-LY62L102516_13 Datasheet
348Kb / 14P
   1024K X 16 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1616 ALSC-AS6C1616 Datasheet
1Mb / 11P
   1024K X 16 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L102516A LYONTEK-LY62L102516A_12 Datasheet
165Kb / 12P
   1024K x 16 BIT LOW POWER CMOS SRAM
LY62102616 LYONTEK-LY62102616_13 Datasheet
205Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102516 LYONTEK-LY62L102516 Datasheet
197Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102516A LYONTEK-LY62L102516A_16 Datasheet
680Kb / 12P
   1024K x 16 BIT LOW POWER CMOS SRAM
LY62102516 LYONTEK-LY62102516_13 Datasheet
346Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com