Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7145QAI-TRG Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW7145QAI-TRG
Description  3A, 12V, Synchronous-Rectified Buck Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7145QAI-TRG Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW7145QAI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7145QAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7145QAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7145QAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7145QAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7145QAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7145QAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APW7145QAI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APW7145QAI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4- Mar., 2009
APW7145
www.anpec.com.tw
7
Enable
Shutdown
V
EN
V
OUT
I
L1
CH1 : V
EN , 5V/div
CH3 : I
L1, 2A/div
Time : 100
µs/div
CH2 : V
OUT , 2V/div
1
2
3
I
OUT=3A
CH1 : V
EN , 5V/div
CH3 : I
L1 , 2A/div
Time : 1ms/div
CH2 : V
OUT , 2V/div
1
2
3
V
EN
V
OUT
I
L1
I
OUT=3A
Power On
Power Off
CH1 : V
IN , 5V/div
CH2 : V
OUT , 2V/div
Time : 1ms/div
1
2
3
CH3 : I
L1 , 2A/div
V
IN
V
OUT
I
L1
I
OUT=3A
CH1 : V
IN , 5V/div
CH2 : V
OUT , 2V/div
Time : 10ms/div
CH3 : I
L1 , 2A/div
1
2
3
V
IN
V
OUT
I
L1
I
OUT=3A
Operating Waveforms
(Refer to the application circuit 1 in the section “Typical Application Circuits”, V
IN=12V, VOUT=3.3V, L1=4.7µH)


Similar Part No. - APW7145QAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7145QAI-TRG ANPEC-APW7145QAI-TRG Datasheet
526Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7145QAI-TRG ANPEC-APW7145QAI-TRG Datasheet
559Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
More results

Similar Description - APW7145QAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7142 ANPEC-APW7142 Datasheet
525Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145 Datasheet
526Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7142 ANPEC-APW7142_10 Datasheet
524Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_11 Datasheet
559Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
logo
uPI Group Inc.
UP1735 UPI-UP1735 Datasheet
236Kb / 13P
   3A, 23V, High-Efficiency Synchronous-Rectified Buck Converter
UP1989 UPI-UP1989 Datasheet
231Kb / 13P
   Synchronous-Rectified Buck Converter
UP1988 UPI-UP1988 Datasheet
221Kb / 13P
   Synchronous-Rectified Buck Converter
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
   5V/12V Synchronous-Rectified Buck Controller
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
   5V/12V Synchronous-Rectified Buck Controller
UP1965S UPI-UP1965S Datasheet
194Kb / 11P
   Synchronous-Rectified Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com