Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7079 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7079
Description  Low-Supply-Current Synchronous Step-up DC-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7079 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7079 Datasheet HTML 1Page - Anpec Electronics Coropration APW7079 Datasheet HTML 2Page - Anpec Electronics Coropration APW7079 Datasheet HTML 3Page - Anpec Electronics Coropration APW7079 Datasheet HTML 4Page - Anpec Electronics Coropration APW7079 Datasheet HTML 5Page - Anpec Electronics Coropration APW7079 Datasheet HTML 6Page - Anpec Electronics Coropration APW7079 Datasheet HTML 7Page - Anpec Electronics Coropration APW7079 Datasheet HTML 8Page - Anpec Electronics Coropration APW7079 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2009
APW7079
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Low-Supply-Current Synchronous Step-up DC-DC Converter
Features
0.9V Typical Start-up Input Voltage
11
µA Typical No Load Quiescent Current
PFM Operation
High Efficiency up to 92%
Fixed 1.8V, 2.6V, 2.8V, 3V, 3.3V, 3.8V, 4.5V or 5V
Output Voltage
600mA Internal Switch Current
Internal Synchronous Rectifier
SOT-89 Package
Lead Free and Green Devices Available
(RoHS Compliant)
Applications
General Description
The APW7079 is a compact, PFM mode, and step-up
DC-DC converter with low quiescent current. The inter-
nal synchronous rectifier reduces cost and PCB space
by eliminating the need for an external Schottky diode.
Low on-resistance of the internal switches improves the
efficiency up to 92%. The start-up voltage is guaranteed
below 1V. After start-up, the device can operate with input
voltage down to 0.7V. The APW7079 is suitable for por-
table battery-powered applications. Consuming only 11
µA
quiescent current and an optimized control scheme al-
lows the device to operate at very high efficiency over the
entire load current range.
Toy
Wireless Mouse
Portable Instrument
Simplified Application Circuit
Pin Configuration
Top View
LX
VOUT
GND
V
IN
V
OUT
APW7079
L1
22
µH
C2
47
µF
C1
22
µF
I
IN
I
OUT
Output Current, I
OUT (mA)
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
V
IN=2.4V
V
IN=1.5V
V
IN=1.2V
V
IN=1.0V
V
IN=0.9V
APW7079-30
SOT-89


Similar Part No. - APW7079

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
284Kb / 15P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079-18DI-TRG ANPEC-APW7079-18DI-TRG Datasheet
284Kb / 15P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079-18DI-TRL ANPEC-APW7079-18DI-TRL Datasheet
284Kb / 15P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079-26DI-TRG ANPEC-APW7079-26DI-TRG Datasheet
284Kb / 15P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079-26DI-TRL ANPEC-APW7079-26DI-TRL Datasheet
284Kb / 15P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
More results

Similar Description - APW7079

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
284Kb / 15P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
   HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
   High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
   High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
   Synchronous step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701CC ACE-ACE701CC Datasheet
882Kb / 11P
   Synchronous Step-Up DC/DC Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
   DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
logo
List of Unclassifed Man...
FT435X ETC2-FT435X Datasheet
178Kb / 9P
   PFM Synchronous Step-up DC/DC Converter
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
   Step-Up Synchronous PFM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com