Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7088QAE-TRG Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APW7088QAE-TRG
Description  Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7088QAE-TRG Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APW7088QAE-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7088QAE-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7088QAE-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7088QAE-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7088QAE-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7088QAE-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APW7088QAE-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APW7088QAE-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APW7088QAE-TRG Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Feb., 2009
APW7088
www.anpec.com.tw
8
Operating Waveforms (Cont.)
Power On Without V
IN2 Voltage
CH1: V
OUT (1V/div)
CH2: V
PHASE1 (10V/div)
CH3: V
PHASE2 (2V/div)
CH4: V
SS (2V/div)
Time: 5ms/div
1
2
3
4
V
OUT
V
PHASE1
V
PHASE2
V
ss
Under-Voltage Protection (UVP)
CH1: V
FB (500mV/div)
CH2: V
PHASE1 (10V/div)
CH3: V
PHASE2 (10V/div)
CH4: V
SS (2V/div)
Time: 500
µs/div
1
2
3
4
V
FB
V
PHASE1
V
PHASE2
V
ss
CH1: V
PHASE1 (20V/div)
CH2: I
PHASE2(20A/div)
CH3: V
OUT (AC, 200mV/div)
CH4: I
OUT (10A/div)
Time: 20
µs/div
Load Transient , 40A==>0A
R
SEN=3kΩ
L=0.56
µH
DCR=4m
1
2
3
4
V
OUT
V
PHASE1
I
PHASE2
I
OUT
Load Transient , 0A==>40A
CH1: V
PHASE1 (20V/div)
CH2: I
PHASE2 (20A/div)
CH3: V
OUT (AC, 200mV/div)
CH4: I
OUT (10A/div)
Time: 20
µs/div
1
2
3
4
V
PHASE1
I
PHASE2
V
OUT
R
SEN=3kΩ
L=0.56
µH
DCR=4m
I
OUT


Similar Part No. - APW7088QAE-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7080 ANPEC-APW7080 Datasheet
793Kb / 23P
   4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7080KA ANPEC-APW7080KA Datasheet
793Kb / 23P
   4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7080KAI-TRG ANPEC-APW7080KAI-TRG Datasheet
793Kb / 23P
   4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7080KAI-TRL ANPEC-APW7080KAI-TRL Datasheet
793Kb / 23P
   4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7083 ANPEC-APW7083 Datasheet
428Kb / 22P
   5A, 26V, 380kHz, Synchronous Step-Down Converter
More results

Similar Description - APW7088QAE-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6567 RENESAS-ISL6567 Datasheet
1Mb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 RENESAS-ISL6563 Datasheet
931Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 RENESAS-ISL8101 Datasheet
904Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com