Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7079 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7079
Description  Low-Supply-Current Synchronous Step-up DC-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7079 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7079_09 Datasheet HTML 1Page - Anpec Electronics Coropration APW7079_09 Datasheet HTML 2Page - Anpec Electronics Coropration APW7079_09 Datasheet HTML 3Page - Anpec Electronics Coropration APW7079_09 Datasheet HTML 4Page - Anpec Electronics Coropration APW7079_09 Datasheet HTML 5Page - Anpec Electronics Coropration APW7079_09 Datasheet HTML 6Page - Anpec Electronics Coropration APW7079_09 Datasheet HTML 7Page - Anpec Electronics Coropration APW7079_09 Datasheet HTML 8Page - Anpec Electronics Coropration APW7079_09 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2009
APW7079
www.anpec.com.tw
5
Output Current, I
OUT (mA)
Start-up/Hold-on Voltage vs.
Output Current
Output Current, I
OUT (mA)
Start-up/Hold-on Voltage vs.
Output Current
Output Current, I
OUT (mA)
Start-up/Hold-on Voltage vs.
Output Current
Input Voltage, V
IN (V)
No Load Battery Current
vs. Input Voltage
Junction Temperature, T
J (
o
C)
Synchronous Switch ON Resis-
tance vs. Junction Temperature
Junction Temperature, T
J (
o
C)
Main Switch ON Resistance vs.
Junction Temperature
Typical Operating Characteristics (Cont.)
(Refer to the application circuit in the section “Typical Application Circuit”, V
IN=1.5V, L1=22µH, TA=25
oC unless otherwise noted.)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
10
20
30
40
50
60
70
APW7079-18
APW7079-30
APW7079-50
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-50
-25
0
25
50
75
100
125
APW7079-50
APW7079-30
APW7079-18
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
APW7079-18
APW7079-30
APW7079-50
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
10
20
30
40
50
Start-up
Hold-on
APW7079-50
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
10
20
30
40
50
Start-up
Hold-on
APW7079-18
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
10
20
30
40
50
Start-up
Hold-on
APW7079-30


Similar Part No. - APW7079_09

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7079-18DI-TRG ANPEC-APW7079-18DI-TRG Datasheet
284Kb / 15P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079-18DI-TRL ANPEC-APW7079-18DI-TRL Datasheet
284Kb / 15P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079-26DI-TRG ANPEC-APW7079-26DI-TRG Datasheet
284Kb / 15P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079-26DI-TRL ANPEC-APW7079-26DI-TRL Datasheet
284Kb / 15P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079-28DI-TRG ANPEC-APW7079-28DI-TRG Datasheet
284Kb / 15P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
More results

Similar Description - APW7079_09

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
284Kb / 15P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
   HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
   High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
   High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
   Synchronous step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701CC ACE-ACE701CC Datasheet
882Kb / 11P
   Synchronous Step-Up DC/DC Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
   DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
logo
List of Unclassifed Man...
FT435X ETC2-FT435X Datasheet
178Kb / 9P
   PFM Synchronous Step-up DC/DC Converter
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
   Step-Up Synchronous PFM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com