Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY6251316UV Datasheet(PDF) 1 Page - Lyontek Inc.

Part # LY6251316UV
Description  512K X 16 BIT LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY6251316UV Datasheet(HTML) 1 Page - Lyontek Inc.

  LY6251316UV Datasheet HTML 1Page - Lyontek Inc. LY6251316UV Datasheet HTML 2Page - Lyontek Inc. LY6251316UV Datasheet HTML 3Page - Lyontek Inc. LY6251316UV Datasheet HTML 4Page - Lyontek Inc. LY6251316UV Datasheet HTML 5Page - Lyontek Inc. LY6251316UV Datasheet HTML 6Page - Lyontek Inc. LY6251316UV Datasheet HTML 7Page - Lyontek Inc. LY6251316UV Datasheet HTML 8Page - Lyontek Inc. LY6251316UV Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LY6251316
Rev. 0.3
512K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
0
®
REVISION HISTORY
Revision
Description
Issue Date
Rev. 0.1
Rev. 0.2
Initial Issue
Revised
FEATURES & ORDERING INFORMATION
Lead free and green package available to Green package
available
Added packing type in
ORDERING INFORMATION
Deleted TSOLDER in
ABSOLUTE MAXIMUN RATINGS
Dec.25.2008
May.20.2009
Rev. 0.3
Revised VDR
Sep.11.2009


Similar Part No. - LY6251316UV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6251316GL-55LL LYONTEK-LY6251316GL-55LL Datasheet
328Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251316GL-55LLI LYONTEK-LY6251316GL-55LLI Datasheet
328Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251316GL-55LLIT LYONTEK-LY6251316GL-55LLIT Datasheet
328Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251316GL-55LLT LYONTEK-LY6251316GL-55LLT Datasheet
328Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251316GL-70LL LYONTEK-LY6251316GL-70LL Datasheet
328Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY6251316UV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6251216 LYONTEK-LY6251216 Datasheet
190Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_11 Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51316 LYONTEK-LY62W51316_13 Datasheet
376Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216 Datasheet
195Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_16 Datasheet
798Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_16 Datasheet
360Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251316 LYONTEK-LY6251316_16 Datasheet
333Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51216 LYONTEK-LY62W51216_11 Datasheet
465Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_13 Datasheet
330Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_11 Datasheet
464Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_16 Datasheet
350Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com