Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY6251216GL Datasheet(PDF) 3 Page - Lyontek Inc.

Part # LY6251216GL
Description  512K X 16 BIT LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY6251216GL Datasheet(HTML) 3 Page - Lyontek Inc.

  LY6251216GL Datasheet HTML 1Page - Lyontek Inc. LY6251216GL Datasheet HTML 2Page - Lyontek Inc. LY6251216GL Datasheet HTML 3Page - Lyontek Inc. LY6251216GL Datasheet HTML 4Page - Lyontek Inc. LY6251216GL Datasheet HTML 5Page - Lyontek Inc. LY6251216GL Datasheet HTML 6Page - Lyontek Inc. LY6251216GL Datasheet HTML 7Page - Lyontek Inc. LY6251216GL Datasheet HTML 8Page - Lyontek Inc. LY6251216GL Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LY6251216
Rev. 0.4
512K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
2
®
PIN CONFIGURATION
A1
A2
A3
A4
DQ15
DQ0
DQ1
DQ2
Vcc
Vss
A13
A18
DQ14
DQ12
DQ13
DQ11
Vss
Vcc
DQ10
DQ9
DQ3
DQ4
TSOP II
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
A17
A0
DQ6
DQ7
A5
A6
A7
A9
A10
DQ5
DQ8
A16
A15
A14
A11
A8
34
29
30
31
32
33
44
39
40
41
42
43
35
36
37
38
A12
CE#
WE#
LB#
UB#
OE#
TFBGA
NC
A3
A10
A9
A11
A0
A14
A8
NC
WE#
DQ9
DQ14
DQ15
A18
Vss
NC
A13
DQ8
Vcc
Vcc
DQ7
A15
Vss
CE#
LB#
DQ6
DQ2
DQ0
A2
OE#
A1
A6
A5
A4
UB#
1234
56
H
G
C
D
E
F
A
B
A12
NC
A17
A7
A16
DQ10
DQ11
DQ12
DQ13
DQ5
DQ4
DQ3
DQ1
ABSOLUTE MAXIMUN RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VCC relative to VSS
VT1
-0.5 to 6.5
V
Voltage on any other pin relative to VSS
VT2
-0.5 to VCC+0.5
V
0 to 70(C grade)
-20 to 80(E grade)
Operating Temperature
TA
-40 to 85(I grade)
Storage Temperature
TSTG
-65 to 150
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability.


Similar Part No. - LY6251216GL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6251216GL-55LL LYONTEK-LY6251216GL-55LL Datasheet
330Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216GL-55LL LYONTEK-LY6251216GL-55LL Datasheet
350Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216GL-55LLI LYONTEK-LY6251216GL-55LLI Datasheet
330Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216GL-55LLI LYONTEK-LY6251216GL-55LLI Datasheet
350Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216GL-55LLIT LYONTEK-LY6251216GL-55LLIT Datasheet
330Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY6251216GL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L51216 LYONTEK-LY62L51216_11 Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51316 LYONTEK-LY62W51316_13 Datasheet
376Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216 Datasheet
195Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_16 Datasheet
798Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_16 Datasheet
360Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251316 LYONTEK-LY6251316_16 Datasheet
333Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51216 LYONTEK-LY62W51216_11 Datasheet
465Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_13 Datasheet
330Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_11 Datasheet
464Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_16 Datasheet
350Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com