Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD934F2-20UT Datasheet(PDF) 9 Page - STMicroelectronics

Part # PSD934F2-20UT
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934F2-20UT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PSD934F2-20UT Datasheet HTML 5Page - STMicroelectronics PSD934F2-20UT Datasheet HTML 6Page - STMicroelectronics PSD934F2-20UT Datasheet HTML 7Page - STMicroelectronics PSD934F2-20UT Datasheet HTML 8Page - STMicroelectronics PSD934F2-20UT Datasheet HTML 9Page - STMicroelectronics PSD934F2-20UT Datasheet HTML 10Page - STMicroelectronics PSD934F2-20UT Datasheet HTML 11Page - STMicroelectronics PSD934F2-20UT Datasheet HTML 12Page - STMicroelectronics PSD934F2-20UT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 103 page
background image
9/110
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
Figure 4. TQFP64 Connections
48 CNTL0
47 AD15
46 AD14
45 AD13
44 AD12
43 AD11
42 AD10
41 AD9
40 AD8
39 VCC
38 VCC
37 AD7
36 AD6
35 AD5
34 AD4
33 AD3
PD2
PD1
PD0
PC7
PC6
PC5
VCC
VCC
VCC
GND
GND
PC3
PC2
PC1
PC0
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AI09645


Similar Part No. - PSD934F2-20UT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD934F2-70J STMICROELECTRONICS-PSD934F2-70J Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD934F2-70M STMICROELECTRONICS-PSD934F2-70M Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD934F2-90J STMICROELECTRONICS-PSD934F2-90J Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD934F2-90JI STMICROELECTRONICS-PSD934F2-90JI Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD934F2-90M STMICROELECTRONICS-PSD934F2-90M Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
More results

Similar Description - PSD934F2-20UT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
PSD8XXFX STMICROELECTRONICS-PSD8XXFX Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD813F1A STMICROELECTRONICS-PSD813F1A Datasheet
1Mb / 111P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD4235G2 STMICROELECTRONICS-PSD4235G2 Datasheet
703Kb / 89P
   Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com