Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY6251216MV Datasheet(PDF) 9 Page - Lyontek Inc.

Part # LY6251216MV
Description  512K X 16 BIT LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY6251216MV Datasheet(HTML) 9 Page - Lyontek Inc.

Back Button LY6251216MV Datasheet HTML 5Page - Lyontek Inc. LY6251216MV Datasheet HTML 6Page - Lyontek Inc. LY6251216MV Datasheet HTML 7Page - Lyontek Inc. LY6251216MV Datasheet HTML 8Page - Lyontek Inc. LY6251216MV Datasheet HTML 9Page - Lyontek Inc. LY6251216MV Datasheet HTML 10Page - Lyontek Inc. LY6251216MV Datasheet HTML 11Page - Lyontek Inc. LY6251216MV Datasheet HTML 12Page - Lyontek Inc. LY6251216MV Datasheet HTML 13Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
LY6251216
Rev. 0.4
512K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
8
®
DATA RETENTION CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
VCC for Data Retention
VDR
CE#
V
CC - 0.2V
1.5
-
5.5
V
-LL
-
5
30
µA
-LLE
-
5
40
µA
Data Retention Current
IDR
VCC = 1.5V
CE#
V
CC-0.2V
Other pins at 0.2V or VCC-0.2V -LLI
-
5
50
µA
Chip Disable to Data
Retention Time
tCDR
See Data Retention
Waveforms (below)
0
-
-
ns
Recovery Time
tR
tRC*
-
-
ns
tRC* = Read Cycle Time
DATA RETENTION WAVEFORM
Low Vcc Data Retention Waveform (1) (CE# controlled)
Vcc
CE#
VDR ≧ 1.5V
CE#
V
cc-0.2V
Vcc(min.)
VIH
tR
tCDR
VIH
Vcc(min.)
Low Vcc Data Retention Waveform (2) (LB#, UB# controlled)
Vcc
LB#,UB#
VDR ≧ 1.5V
LB#,UB#
V
≧ cc-0.2V
Vcc(min.)
VIH
tR
tCDR
VIH
Vcc(min.)


Similar Part No. - LY6251216MV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6251216ML-55LL LYONTEK-LY6251216ML-55LL Datasheet
330Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216ML-55LL LYONTEK-LY6251216ML-55LL Datasheet
350Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216ML-55LLI LYONTEK-LY6251216ML-55LLI Datasheet
330Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216ML-55LLI LYONTEK-LY6251216ML-55LLI Datasheet
350Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216ML-55LLIT LYONTEK-LY6251216ML-55LLIT Datasheet
330Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY6251216MV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L51216 LYONTEK-LY62L51216_11 Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51316 LYONTEK-LY62W51316_13 Datasheet
376Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216 Datasheet
195Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_16 Datasheet
798Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_16 Datasheet
360Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251316 LYONTEK-LY6251316_16 Datasheet
333Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51216 LYONTEK-LY62W51216_11 Datasheet
465Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_13 Datasheet
330Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_11 Datasheet
464Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_16 Datasheet
350Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com