Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5930KAI-TRG Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL5930KAI-TRG
Description  3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5930KAI-TRG Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL5930KAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL5930KAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL5930KAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL5930KAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL5930KAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL5930KAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL5930KAI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL5930KAI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL5930KAI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Sep., 2009
APL5930
www.anpec.com.tw
8
Operating Waveforms (Cont.)
Refer to the typical application circuit. The test condition is V
IN=1.8V, VCNTL=5V, VOUT=1.2V, TA= 25
oC
unless otherwise specified.
CH1: V
EN, 5V/Div, DC
CH2: V
OUT, 1V/Div, DC
TIME: 2
µs/Div
C
OUT=10µF, CIN=10µF, RL=0.4Ω
Shutdown
I
OUT
V
EN
1
4
2
3
V
OUT
V
POK
CH3: V
POK, 5V/Div, DC
CH4: I
OUT, 2A/Div, DC
CH1: V
EN, 5V/Div, DC
CH2: V
OUT, 0.5V/Div, DC
TIME: 0.5ms/Div
C
OUT=10µF, CIN=10µF, RL=0.4Ω
Enable
1
4
2
3
I
OUT
V
EN
V
OUT
V
POK
CH3: V
POK, 5V/Div, DC
CH4: I
OUT, 2A/Div, DC
Pin Description
PIN
NO.
NAME
FUNCTION
1
GND
Ground pin of the circuitry. All voltage levels are measured with respect to this pin.
2
FB
Voltage Feedback Pin. Connecting this pin to an external resistor divider receives the feedback voltage
of the regulator.
3,4
VOUT
Output pin of the regulator. Connecting this pin to load and output capacitors (10
µF at least) is required
for stability and improving transient response. The output voltage is programmed by the resistor-divider
connected to FB pin. The VOUT can provide 3A (max.) load current to loads. During shutdown, the
output voltage is quickly discharged by an internal pull-low MOSFET.
5
VIN
Main supply input pin for voltage conversions. A decoupling capacitor (
≥10µF recommended) is usually
connected near this pin to filter the voltage noise and improve transient response. The voltage on this
pin is monitored for Power-On-Reset purpose.
6
VCNTL
Bias voltage input pin for internal control circuitry. Connect this pin to a voltage source (+5V
recommended). A decoupling capacitor (1
µF typical) is usually connected near this pin to filter the
voltage noise. The voltage at this pin is monitored for Power-On-Reset purpose.
7
POK
Power-OK signal output pin. This pin is an open-drain output used to indicate the status of output
voltage by sensing FB voltage. This pin is pulled low when output voltage is not within the Power-OK
voltage window.
8
EN
Active-high enable control pin. Applying and holding the voltage on this pin below the enable voltage
threshold shuts down the output. When re-enabled, the IC undergoes a new soft-start process. When
leave this pin open, an internal pull-up current (5
µA typical) pulls the EN voltage and enables the
regulator.
Exposed
Pad
-
Connect this pad to system VIN plane for good thermal conductivity.


Similar Part No. - APL5930KAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5930KAI-TRG ANPEC-APL5930KAI-TRG Datasheet
353Kb / 20P
   3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
More results

Similar Description - APL5930KAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5934 ANPEC-APL5934_18 Datasheet
527Kb / 24P
   3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5932A ANPEC-APL5932A Datasheet
489Kb / 21P
   3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5932 ANPEC-APL5932 Datasheet
489Kb / 21P
   3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5930 ANPEC-APL5930_13 Datasheet
353Kb / 20P
   3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5934 ANPEC-APL5934 Datasheet
622Kb / 24P
   3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5933A ANPEC-APL5933A Datasheet
445Kb / 23P
   3A, Ultra Low Dropout (0.19V Typical) Linear Regulator
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com