Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5910 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5910
Description  1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5910 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5910 Datasheet HTML 1Page - Anpec Electronics Coropration APL5910 Datasheet HTML 2Page - Anpec Electronics Coropration APL5910 Datasheet HTML 3Page - Anpec Electronics Coropration APL5910 Datasheet HTML 4Page - Anpec Electronics Coropration APL5910 Datasheet HTML 5Page - Anpec Electronics Coropration APL5910 Datasheet HTML 6Page - Anpec Electronics Coropration APL5910 Datasheet HTML 7Page - Anpec Electronics Coropration APL5910 Datasheet HTML 8Page - Anpec Electronics Coropration APL5910 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2009
APL5910
www.anpec.com.tw
2
Ordering and Marking Information
Symbol
Parameter
Rating
Unit
VCNTL
VCNTL Supply Voltage (VCNTL to GND)
-0.3 ~ 6
V
VIN
VIN Supply Voltage (VIN to GND)
-0.3 ~ 6
V
VOUT
VOUT to GND Voltage
-0.3 ~ VIN+0.3
V
POK to GND Voltage
-0.3 ~ 7
EN, FB to GND Voltage
-0.3 ~ VCNTL+0.3
V
PD
Power Dissipation
2.5
W
TJ
Maximum Junction Temperature
150
οC
TSTG
Storage Temperature Range
-65 ~ 150
οC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
οC
Absolute Maximum Ratings
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 1)
SOP-8P
50
oC/W
θ
JC
Junction-to-Case Resistance in Free Air
(Note 2)
SOP-8P
20
oC/W
Note 1:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Note 2: The “Thermal-Pad Temperature” is measured on the PCB copper area connected to the thermal pad of package.
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
1
2
3
4
8
7
6
5
Measured Point
PCB Copper
APL5910
Handling Code
Temperature Range
Package Code
Package Code
KA : SOP-8P
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Assembly Material
APL5910 KA :
APL5910
XXXXX
XXXXX - Date Code
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.


Similar Part No. - APL5910

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5910 ANPEC-APL5910 Datasheet
360Kb / 16P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRG ANPEC-APL5910KAI-TRG Datasheet
360Kb / 16P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRL ANPEC-APL5910KAI-TRL Datasheet
360Kb / 16P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
More results

Similar Description - APL5910

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5910 ANPEC-APL5910 Datasheet
360Kb / 16P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com