Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5537WCTI-TRG Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5537WCTI-TRG
Description  Dual Channel 300mA Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5537WCTI-TRG Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5537WCTI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL5537WCTI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL5537WCTI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL5537WCTI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL5537WCTI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL5537WCTI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL5537WCTI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL5537WCTI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL5537WCTI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Oct., 2009
www.anpec.com.tw
2
APL5537
Voltage Code Table
Output Voltage
Output Voltage
VOUT1 (V)
VOUT2 (V)
Voltage Code
VOUT1 (V)
VOUT2 (V)
Voltage Code
1.30
2.80
7M
1.20
2.80
5M
1.85
1.85
bb
1.85
1.50
b9
1.50
1.50
99
1.50
2.80
9M
1.80
1.20
C5
1.80
2.60
CK
2.50
1.80
JC
1.80
3.30
CR
2.50
3.00
JO
2.50
2.80
JM
2.80
2.85
Ud
2.50
3.30
JR
2.85
2.85
dd
2.85
1.85
db
2.80
1.80
MC
2.85
1.80
dC
2.80
3.30
MR
2.80
2.80
MM
2.80
3.00
MO
3.00
1.80
OC
3.30
2.85
Rd
3.00
3.00
OO
3.30
3.30
RR
3.30
3.00
RO
3.15
2.80
eM
3.30
3.10
RP
Available Voltage Version
Code
5
7
9
A
C
b
D
E
F
J
K
Voltage
1.20
1.30
1.50
1.60
1.80
1.85
1.90
2.00
2.10
2.50
2.60
Code
c
L
M
d
N
O
P
e
Q
R
Voltage
2.65
2.70
2.80
2.85
2.90
3.00
3.10
3.15
3.20
3.30
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN
VIN Input Voltage (VIN to GND)
-0.3 ~ 7
V
VEN1, VEN2
EN1, EN2 to GND Voltage
-0.3 ~ 7
V
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 2)
TSOT-23-6A
TDFN1.6x1.6-6
220
165
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.


Similar Part No. - APL5537WCTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
354Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
APL5537 ANPEC-APL5537 Datasheet
292Kb / 16P
   DualChannel 300mALowDropout Linear Regulator
APL55375MCTI-TRG ANPEC-APL55375MCTI-TRG Datasheet
354Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
APL55375MQBI-TRG ANPEC-APL55375MQBI-TRG Datasheet
354Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
APL55377MCTI-TRG ANPEC-APL55377MCTI-TRG Datasheet
354Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
More results

Similar Description - APL5537WCTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537_11 Datasheet
354Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com