Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5325 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL5325
Description  Adjustable Low Dropout 300mA Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5325 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL5325 Datasheet HTML 1Page - Anpec Electronics Coropration APL5325 Datasheet HTML 2Page - Anpec Electronics Coropration APL5325 Datasheet HTML 3Page - Anpec Electronics Coropration APL5325 Datasheet HTML 4Page - Anpec Electronics Coropration APL5325 Datasheet HTML 5Page - Anpec Electronics Coropration APL5325 Datasheet HTML 6Page - Anpec Electronics Coropration APL5325 Datasheet HTML 7Page - Anpec Electronics Coropration APL5325 Datasheet HTML 8Page - Anpec Electronics Coropration APL5325 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Nov., 2008
APL5325
www.anpec.com.tw
5
Typical Operating Characteristics (Cont.)
Phase vs. Frequency
1000
10000
100000
1000000
Frequency (Hz)
I
OUT=100mA
I
OUT=300mA
V
IN=3.3V, VOUT=1.2V,
C
IN=1µF, COUT=2.2µF
0
20
40
60
80
100
120
140
160
Frequency (Hz)
I
OUT=100mA
I
OUT=300mA
V
IN=3.3V, VOUT=1.2V,
C
IN=1µF, COUT=2.2µF
-40
-30
-20
-10
0
10
20
30
40
50
1000
10000
100000
1000000
Loop Gain vs. Frequency


Similar Part No. - APL5325

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5325 ANPEC-APL5325 Datasheet
236Kb / 18P
   Adjustable Low Dropout 300mA Linear Regulator
APL5325BI-TRG ANPEC-APL5325BI-TRG Datasheet
236Kb / 18P
   Adjustable Low Dropout 300mA Linear Regulator
APL5325BI-TRL ANPEC-APL5325BI-TRL Datasheet
236Kb / 18P
   Adjustable Low Dropout 300mA Linear Regulator
APL5325QBI-TRG ANPEC-APL5325QBI-TRG Datasheet
236Kb / 18P
   Adjustable Low Dropout 300mA Linear Regulator
APL5325QBI-TRL ANPEC-APL5325QBI-TRL Datasheet
236Kb / 18P
   Adjustable Low Dropout 300mA Linear Regulator
More results

Similar Description - APL5325

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5324 ANPEC-APL5324 Datasheet
295Kb / 16P
   Adjustable Low Dropout 300mA Linear Regulator
APL5323 ANPEC-APL5323 Datasheet
251Kb / 15P
   Adjustable Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325_17 Datasheet
236Kb / 18P
   Adjustable Low Dropout 300mA Linear Regulator
APL5327 ANPEC-APL5327 Datasheet
368Kb / 14P
   Adjustable Low Dropout 300mA Linear Regulator
APL5322 ANPEC-APL5322 Datasheet
352Kb / 18P
   Adjustable Low Dropout 300mA Linear Regulator
APL5317 ANPEC-APL5317 Datasheet
338Kb / 17P
   Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
logo
E-Tech Electronics LTD
LR2125 ETL-LR2125 Datasheet
347Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR2125 UTC-LR2125 Datasheet
336Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315 Datasheet
397Kb / 16P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315 ANPEC-APL5315_08 Datasheet
409Kb / 15P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com