Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL3208BCTI-TRG Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL3208BCTI-TRG
Description  Li Charger Protection IC with Integrated P-MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3208BCTI-TRG Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL3208BCTI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL3208BCTI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL3208BCTI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL3208BCTI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL3208BCTI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL3208BCTI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3208BCTI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3208BCTI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3208BCTI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Nov., 2009
APL3208A/B/C
www.anpec.com.tw
3
Symbol
Parameter
Range
Unit
VACIN
ACIN Input Voltage
4.5 ~ 5.5
V
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
Unless otherwise specified, these specifications apply over V
ACIN=5V, VBAT=3.8V and TA= -40 ~ 85
oC. Typical values are at T
A=25
oC.
APL3208A/B/C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ACIN INPUT CURRENT AND POWER-ON-RESET (POR)
IACIN
ACIN Supply Current
IOUT=0A, ICHG_DET=0A
-
250
350
µA
VACIN
ACIN POR Threshold
VACIN rising
2.4
-
2.8
V
ACIN POR Hysteresis
200
250
300
mV
TB(ACIN)
ACIN Power-On Blanking Time
-
8
-
ms
INTERNAL SWITCH ON RESISTANCE
CHG_DET Discharge On
Resistance
-
500
-
INPUT OVER-VOLTAGE PROTECTION (OVP)
VOVP
Input OVP Threshold
VACIN rising
6
6.17
6.35
V
Input OVP Hysteresis
200
300
400
mV
Input OVP Propagation Delay
-
-
1
µs
TON(OVP)
Input OVP Recovery Time
-
8
-
ms
CURRENT-LIMIT PROTECTION
APL3208A, TA=25
°C
400
450
500
APL3208B, TA=25
°C
500
550
600
ILIM
Current Limit Threshold
APL3208C, TA=25
°C
600
650
700
mA
BATTERY OVER-VOLTAGE PROTECTION
VBOVP
Battery OVP Threshold
VBAT rising
4.32
4.35
4.38
V
Battery OVP Hysteresis
220
270
320
mV
IVBAT
VBAT Pin Leakage Current
VBAT = 4.4V
-
-
20
nA
TB(BOVP)
Battery OVP Blanking Time
-
176
-
µs
INTERNAL P-MOSFET (CHG_DET, OUT AND CHG_SW PINS)
VCHG_DET from low to high, P-MOSFET is
controlled by CHG_SW
-
120
-
VCHG_DET-VBAT Lockout Threshold
VCHG_DET from high to low, P-MOSFET is off
-
20
-
mV
OUT Input Current
VCHG_DET=0V, VOUT=4.2V, CHG_SW =GND
-
-
1
µA
CHG_SW Leakage Current
VACIN=VCHG_DET= VOUT=5V, VCHG_SW=0V
-
7.5
13
µA
OUT Leakage Current
VACIN=VCHG_DET= VCHG_SW =5V, VOUT=0V
-
-
1
µA
Electrical Characteristics
Recommended Operating Conditions (Note 3)
Note 3: Refer to the typical application circuit


Similar Part No. - APL3208BCTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3200 ANPEC-APL3200 Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3200QAI-TRG ANPEC-APL3200QAI-TRG Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3200QBI-TRG ANPEC-APL3200QBI-TRG Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
APL3201QAI-TRG ANPEC-APL3201QAI-TRG Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
More results

Similar Description - APL3208BCTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3206 ANPEC-APL3206 Datasheet
314Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
APL3206 ANPEC-APL3206_10 Datasheet
386Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
APL3215 ANPEC-APL3215 Datasheet
317Kb / 18P
   Li Charger Protection IC with Integrated P-MOSFET
logo
Monolithic Power System...
MP2676 MPS-MP2676 Datasheet
438Kb / 10P
   Li-Ion Charger Protection IC With Integrated P-MOSFET
logo
Alpha & Omega Semicondu...
AOZ1401DI AOSMD-AOZ1401DI Datasheet
624Kb / 14P
   Li Charger Protection IC
logo
Anpec Electronics Corop...
APL3225 ANPEC-APL3225 Datasheet
236Kb / 15P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A_11 Datasheet
476Kb / 20P
   Li Charger Protection IC
APL3203D ANPEC-APL3203D Datasheet
446Kb / 19P
   Li Charger Protection IC
APL3203A ANPEC-APL3203A Datasheet
430Kb / 19P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A Datasheet
472Kb / 20P
   Li Charger Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com