Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL3206CTI-TRG Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL3206CTI-TRG
Description  Li Charger Protection IC with Integrated P-MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3206CTI-TRG Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL3206CTI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL3206CTI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL3206CTI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3206CTI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3206CTI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3206CTI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL3206CTI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL3206CTI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL3206CTI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2009
APL3206/A
www.anpec.com.tw
8
PIN
NO.
NAME
FUNCTION
1
ACIN
2
ACIN
Power Supply Input. Connect this pin to external DC supply. Bypass to GND with a 1
µF (minimum)
ceramic capacitor.
3
GND
Ground Terminal.
4
VBAT
Battery Voltage Sense Input. Connect this pin to pack positive terminal through a resistor.
5
GATDRV
Internal P-MOSFET Gate Input.
6
CHRIN
Output Pin. This pin provides supply voltage to the PMIC input. Bypass to GND with a 1
µF (minimum)
ceramic capacitor.
7
OUT
8
OUT
Output Pins. These pins provide supply source current in series with a resistor to battery.
-
EP
Exposed Thermal Pad. Must be electrically connected to the GND pin.
Block Diagram
Gate Driver and
Control Logic
POR
ACIN
VBAT
OUT
Charge
Pump
0.5V
ACIN
OVP
OCP
CHRIN
GATDRV
GND
Thermal
Shutdown
1V
VBAT
OVP
Pin Description


Similar Part No. - APL3206CTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3206CTI-TRG ANPEC-APL3206CTI-TRG Datasheet
386Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
More results

Similar Description - APL3206CTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3206 ANPEC-APL3206_10 Datasheet
386Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
APL3208A ANPEC-APL3208A Datasheet
288Kb / 17P
   Li Charger Protection IC with Integrated P-MOSFET
APL3215 ANPEC-APL3215 Datasheet
317Kb / 18P
   Li Charger Protection IC with Integrated P-MOSFET
logo
Monolithic Power System...
MP2676 MPS-MP2676 Datasheet
438Kb / 10P
   Li-Ion Charger Protection IC With Integrated P-MOSFET
logo
Alpha & Omega Semicondu...
AOZ1401DI AOSMD-AOZ1401DI Datasheet
624Kb / 14P
   Li Charger Protection IC
logo
Anpec Electronics Corop...
APL3225 ANPEC-APL3225 Datasheet
236Kb / 15P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A_11 Datasheet
476Kb / 20P
   Li Charger Protection IC
APL3203D ANPEC-APL3203D Datasheet
446Kb / 19P
   Li Charger Protection IC
APL3203A ANPEC-APL3203A Datasheet
430Kb / 19P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A Datasheet
472Kb / 20P
   Li Charger Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com