Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL3208A Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL3208A
Description  Li Charger Protection IC with Integrated P-MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3208A Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL3208A Datasheet HTML 1Page - Anpec Electronics Coropration APL3208A Datasheet HTML 2Page - Anpec Electronics Coropration APL3208A Datasheet HTML 3Page - Anpec Electronics Coropration APL3208A Datasheet HTML 4Page - Anpec Electronics Coropration APL3208A Datasheet HTML 5Page - Anpec Electronics Coropration APL3208A Datasheet HTML 6Page - Anpec Electronics Coropration APL3208A Datasheet HTML 7Page - Anpec Electronics Coropration APL3208A Datasheet HTML 8Page - Anpec Electronics Coropration APL3208A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Nov., 2009
APL3208A/B/C
www.anpec.com.tw
4
APL3208A/B/C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
INTERNAL P-MOSFET (CHG_DET, OUT AND CHG_SW PINS) (CONT.)
P-MOSFET Input Capacitance
-
200
-
pF
CHG_SW Input Resistance
-
15
-
OVER-TEMPERATURE PROTECTION (OTP)
TOTP
Over-Temperature Threshold
TJ rising
-
160
-
°C
Over-Temperature Hysteresis
-
40
-
°C
Unless otherwise specified, these specifications apply over V
ACIN=5V, VBAT=3.8V and TA= -40 ~ 85
oC. Typical values are at
T
A=25
oC.
Electrical Characteristics (Cont.)


Similar Part No. - APL3208A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3200 ANPEC-APL3200 Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3200QAI-TRG ANPEC-APL3200QAI-TRG Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3200QBI-TRG ANPEC-APL3200QBI-TRG Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
APL3201QAI-TRG ANPEC-APL3201QAI-TRG Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
More results

Similar Description - APL3208A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3206 ANPEC-APL3206 Datasheet
314Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
APL3206 ANPEC-APL3206_10 Datasheet
386Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
APL3215 ANPEC-APL3215 Datasheet
317Kb / 18P
   Li Charger Protection IC with Integrated P-MOSFET
logo
Monolithic Power System...
MP2676 MPS-MP2676 Datasheet
438Kb / 10P
   Li-Ion Charger Protection IC With Integrated P-MOSFET
logo
Alpha & Omega Semicondu...
AOZ1401DI AOSMD-AOZ1401DI Datasheet
624Kb / 14P
   Li Charger Protection IC
logo
Anpec Electronics Corop...
APL3225 ANPEC-APL3225 Datasheet
236Kb / 15P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A_11 Datasheet
476Kb / 20P
   Li Charger Protection IC
APL3203D ANPEC-APL3203D Datasheet
446Kb / 19P
   Li Charger Protection IC
APL3203A ANPEC-APL3203A Datasheet
430Kb / 19P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A Datasheet
472Kb / 20P
   Li Charger Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com