Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA4863KI-TRG Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APA4863KI-TRG
Description  Stereo 2.2W Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4863KI-TRG Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APA4863KI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APA4863KI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APA4863KI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APA4863KI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APA4863KI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APA4863KI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APA4863KI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APA4863KI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APA4863KI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Oct., 2009
APA4863
www.anpec.com.tw
6
THD+N vs. Output Power
Output Power (W)
THD+N vs. Output Power
Output Power (W)
Typical Operating Characteristics (Cont.)
0.01
10
0.1
1
10m
2
100m
1
f
in= 20Hz
f
in= 20kHz
f
in= 1kHz
V
DD=5V, RL=8Ω
A
VD=2, BW< 80kHz
BTL Mode
THD+N vs. Output Power
THD+N vs. Output Power
0.001
10
0.1
1
10m
500m
70m
200m
V
DD=5V, RL=16Ω
A
V=-1, BW< 80kHz
SE Mode
f
in= 20Hz
f
in= 20kHz
f
in= 1kHz
0.001
10
0.1
1
10m
200m
100m
50m
V
DD=5V, RL=32Ω
A
V=-1, BW< 80kHz
SE Mode
f
in= 20Hz
f
in= 20kHz
f
in= 1kHz
Output Power (W)
Output Power (W)
THD+N vs. Frequency
Frequency (Hz)
THD+N vs. Output Power
Output Power (W)
0.01
10
0.1
1
20
20k
100
1k
10k
V
DD=3.3V, PO=700mW
R
L=4Ω, AVD=2
0.01
10
0.1
1
10m
1
100m
V
DD=3.3V, RL=8Ω,
A
VD=2
f
in= 20Hz
f
in= 20kHz
f
in= 1kHz
10m
2
100m
1
V
DD=3.3V, RL=4Ω
A
VD= 2
f
in= 20Hz
f
in= 20kHz
f
in= 1kHz
0.01
10
0.1
1


Similar Part No. - APA4863KI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4863KI-TR ANPEC-APA4863KI-TR Datasheet
161Kb / 17P
   Stereo 2.2W Audio Power Amplifier
More results

Similar Description - APA4863KI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863 Datasheet
161Kb / 17P
   Stereo 2.2W Audio Power Amplifier
logo
Texas Instruments
LM4866 TI1-LM4866 Datasheet
1Mb / 29P
[Old version datasheet]   2.2W Stereo Audio Amplifier
logo
National Semiconductor ...
LM4866 NSC-LM4866 Datasheet
644Kb / 21P
   2.2W Stereo Audio Amplifier
logo
Global Mixed-mode Techn...
G1426 GMT-G1426 Datasheet
309Kb / 13P
   2.2W Stereo Audio Amplifier
logo
Maxim Integrated Produc...
MAX9787 MAXIM-MAX9787 Datasheet
238Kb / 15P
   2.2W Stereo Audio Power Amplifier with Analog Volume Control
Rev 0; 10/05
MAX9787 MAXIM-MAX9787_V01 Datasheet
325Kb / 15P
   2.2W Stereo Audio Power Amplifier with Analog Volume Control
19-3882; Rev 1; 1/07
logo
Kingbor Technology Co
KB4863 KINGBOR-KB4863 Datasheet
600Kb / 19P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4863 NSC-LM4863 Datasheet
513Kb / 16P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
LM4863 UTC-LM4863 Datasheet
347Kb / 11P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com