Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA4863KI-TRG Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APA4863KI-TRG
Description  Stereo 2.2W Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4863KI-TRG Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APA4863KI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APA4863KI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APA4863KI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APA4863KI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APA4863KI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APA4863KI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APA4863KI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APA4863KI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APA4863KI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Oct., 2009
APA4863
www.anpec.com.tw
9
Typical Operating Characteristics (Cont.)
Channel Separation
Frequency (Hz)
Open Loop Frequency Response
Frequency (Hz)
Supply Current vs. Supply Voltage
Supply Voltage(V)
20
20k
100
1k
10k
-120
+0
-100
-80
-60
-40
-20
V
DD=5V, RL=32Ω
A
V=-1, PO=75mW
C
B=1µF
SE Mode
Channel B to A
Channel A to B
10M
1k
10k
100k
+0
+80
+10
+20
+30
+40
+50
+60
+70
V
DD=5V
SE Mode
Gain
Phase
1M
100
2
2.5
3
3.5
4
4.5
5
5.5
0
2
4
6
8
10
V
IN=0V
No Load
BTL Mode
(HP-IN=GND)
SE Mode
(HP-IN=V
DD)


Similar Part No. - APA4863KI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4863KI-TR ANPEC-APA4863KI-TR Datasheet
161Kb / 17P
   Stereo 2.2W Audio Power Amplifier
More results

Similar Description - APA4863KI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863 Datasheet
161Kb / 17P
   Stereo 2.2W Audio Power Amplifier
logo
Texas Instruments
LM4866 TI1-LM4866 Datasheet
1Mb / 29P
[Old version datasheet]   2.2W Stereo Audio Amplifier
logo
National Semiconductor ...
LM4866 NSC-LM4866 Datasheet
644Kb / 21P
   2.2W Stereo Audio Amplifier
logo
Global Mixed-mode Techn...
G1426 GMT-G1426 Datasheet
309Kb / 13P
   2.2W Stereo Audio Amplifier
logo
Maxim Integrated Produc...
MAX9787 MAXIM-MAX9787 Datasheet
238Kb / 15P
   2.2W Stereo Audio Power Amplifier with Analog Volume Control
Rev 0; 10/05
MAX9787 MAXIM-MAX9787_V01 Datasheet
325Kb / 15P
   2.2W Stereo Audio Power Amplifier with Analog Volume Control
19-3882; Rev 1; 1/07
logo
Kingbor Technology Co
KB4863 KINGBOR-KB4863 Datasheet
600Kb / 19P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4863 NSC-LM4863 Datasheet
513Kb / 16P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
LM4863 UTC-LM4863 Datasheet
347Kb / 11P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com